Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4000-4ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4000-4ARZ-R7
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-4ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4000-4ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost, Precision JFET
Input Operational Amplifiers
Data Sheet
ADA4000-1/ADA4000-2/ADA4000-4
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High slew rate: 20 V/μs
Fast settling time
Low offset voltage: 1.70 mV maximum
Bias current: 40 pA maximum
±4 V to ±18 V operation
Low voltage noise: 16 nV/
Hz
Unity gain stable
Common-mode voltage includes +VS
Wide bandwidth: 5 MHz
APPLICATIONS
Reference gain/buffers
Level shift/driving
Active filters
Power line monitoring/control
Current/voltage sense or monitoring
Data acquisition
Sample-and-hold circuits
Integrators
GENERAL DESCRIPTION
The ADA4000-1/ADA4000-2/ADA4000-4 are junction field
effect transistor (JFET) input operational amplifiers featuring
precision, very low bias current, and low power. Combining
high input impedance, low input bias current, wide bandwidth,
fast slew rate, and fast settling time, the ADA4000-1/ADA4000-
2/ADA4000-4 are ideal amplifiers for driving analog-to-digital
inputs and buffering digital-to-analog converter outputs. The
input common-mode voltage includes the positive power supply,
which makes the device an excellent choice for high-side signal
conditioning.
Additional applications for the ADA4000-1/ADA4000-2/
ADA4000-4 include electronic instruments, automated test
equipment (ATE) amplification, buffering, integrator circuits,
instrumentation-quality photodiode amplification, and fast
precision filters (including phase-locked loop filters). The devices
also include utility functions, such as reference buffering, level
shifting, control input/output interface, power supply control,
and monitoring functions.
PIN CONFIGURATIONS
OUT
1
V–
2
+IN
3
V+
5
–IN
4
ADA4000-1
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead TSOT (UJ-5)
NC
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
ADA4000-1
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC (R-8)
OUT A 1
–IN A 2
+IN A 3
–V
4
+V
8
OUT B
7
–IN B
6
+IN B
5
ADA4000-2
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC (R-8)
OUT A 1
–IN A 2
+IN A 3
–V
4
+V
8
OUT B
7
–IN B
6
+IN B
5
ADA4000-2
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead MSOP (RM-8)
OUT A 1
–IN A 2
+IN A 3
+V
4
OUT D
14
–IN D
13
+IN D
12
–V
11
+IN B
5
+IN C
10
–IN B
6
–IN C
9
OUT B 7
OUT C
8
ADA4000-4
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead SOIC (R-14)
ADA4000-4
1
2
3
4
5
6
7
–IN A
+IN A
+V
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
–V
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 6. 14-Lead TSSOP (RU-14)


Similar Part No. - ADA4000-4ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4000-4ARZ-R7 AD-ADA4000-4ARZ-R7 Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADA4000-4ARZ-R7 AD-ADA4000-4ARZ-R7 Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
ADA4000-4ARZ-R71 AD-ADA4000-4ARZ-R71 Datasheet
420Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
REV. A
More results

Similar Description - ADA4000-4ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-15 AD-OP-15 Datasheet
776Kb / 14P
PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
Precision JFET-Input Operational Amplifiers
9/02-Data Sheet changed from REV. 0 to REV. A.
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
Low Cost JFET Input Operational Amplifiers
Jan-2006
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com