Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDY-CRS-R2 Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # DDY-CRS-R2
Description  LED - AlInGaP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDY-CRS-R2 Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button DDY-CRS-R2 Datasheet HTML 2Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 3Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 9Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DOMINANT Semiconductors
18/08/05
DomiLED AlInGaP DDx-xRS - Catalogue-v4
Page 6 of 11
Vf Binning.
Vf Bin @ 20mA
Forward Voltage (V)
01
1.55 … 1.85
02
1.85 … 2.15
03
2.15 … 2.45
04
2.45 … 2.75
Forward voltage, Vf is measured with an accuracy of
±0.1 V
Absolute Maximum Ratings.
Maximum Value
Unit
DC forward current.
30
mA
Peak pulse current; (tp
≤ 10 µs, Duty cycle = 0.005)
1000
mA
Reverse voltage.
5
V
LED junction temperature.
125
°C
Operating temperature.
-40 … +100
°C
Storage temperature.
-40 … +100
°C
Power dissipation ( at room temperature )
75
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com