Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDY-CRS-R2 Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # DDY-CRS-R2
Description  LED - AlInGaP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDY-CRS-R2 Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button DDY-CRS-R2 Datasheet HTML 3Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 9Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 10Page - DOMINANT Semiconductors DDY-CRS-R2 Datasheet HTML 11Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DOMINANT Semiconductors
18/08/05
DomiLED AlInGaP DDx-xRS - Catalogue-v4
Page 10 of 11
Recommended Sn-Pb IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020C)
25
50
75
100
125
150
175
200
225
250
275
0
50
100
150
200
Time (sec)
Preheat
60-120s
183
oC
60-150s
Ramp-up
3
oC/sec
Ramp-down
6
oC/sec max.
235-240
oC
10-30s
360s max
Recommended Pb Free IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020C)
25
50
75
100
125
150
175
200
225
250
275
300
0
50
100
150
200
Time (sec)
Preheat
60-180s
217 oC
60-150s
Ramp-up
3 oC/sec max.
Ramp-down
6 oC/sec max.
260-255oC
10-30s
480s max



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com