Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467ARC/883C Datasheet(PDF) 5 Page - Analog Devices

Part # OP467ARC/883C
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467ARC/883C Datasheet(HTML) 5 Page - Analog Devices

  OP467ARC/883C Datasheet HTML 1Page - Analog Devices OP467ARC/883C Datasheet HTML 2Page - Analog Devices OP467ARC/883C Datasheet HTML 3Page - Analog Devices OP467ARC/883C Datasheet HTML 4Page - Analog Devices OP467ARC/883C Datasheet HTML 5Page - Analog Devices OP467ARC/883C Datasheet HTML 6Page - Analog Devices OP467ARC/883C Datasheet HTML 7Page - Analog Devices OP467ARC/883C Datasheet HTML 8Page - Analog Devices OP467ARC/883C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OP467
Rev. | Page 5 of 20
WAFER TEST LIMITS1
@ VS = ±15.0 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Limit
Unit
Offset Voltage
VOS
±0.5
mV max
Input Bias Current
IB
VCM = 0 V
600
nA max
Input Offset Current
IOS
VCM = 0 V
100
nA max
Input Voltage Range2
±12
V min/max
Common-Mode Rejection Ratio
CMRR
VCM = ±12 V
80
dB min
Power Supply Rejection Ratio
PSRR
V = ±4.5 V to ±18 V
96
dB min
Large Signal Voltage Gain
AVO
RL = 2 kΩ
83
dB min
Output Voltage Range
VO
RL = 2 kΩ
±13.0
V min
Supply Current
ISY
VO = 0 V, RL = ∞
10
mA max
1 Electrical tests and wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard
product dice. Consult sales to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
2 Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com