Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467ARC/883C Datasheet(PDF) 15 Page - Analog Devices

Part # OP467ARC/883C
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467ARC/883C Datasheet(HTML) 15 Page - Analog Devices

Back Button OP467ARC/883C Datasheet HTML 11Page - Analog Devices OP467ARC/883C Datasheet HTML 12Page - Analog Devices OP467ARC/883C Datasheet HTML 13Page - Analog Devices OP467ARC/883C Datasheet HTML 14Page - Analog Devices OP467ARC/883C Datasheet HTML 15Page - Analog Devices OP467ARC/883C Datasheet HTML 16Page - Analog Devices OP467ARC/883C Datasheet HTML 17Page - Analog Devices OP467ARC/883C Datasheet HTML 18Page - Analog Devices OP467ARC/883C Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
OP467
Rev. | Page 15 of 20
2 MHz BIQUAD BAND-PASS FILTER
0.01% 10V STEP
VS = ±15V
NEG SLOPE
The circuit in Figure 48 is commonly used in medical imaging
ultrasound receivers. The 30 MHz bandwidth is sufficient to
accurately produce the 2 MHz center frequency, as the measured
response shows in Figure 49. When the bandwidth of the op
amp is too close to the center frequency of the filter, the internal
phase shift of the amplifier causes excess phase shift at 2 MHz,
which alters the response of the filter. In fact, if the chosen op
amp has a bandwidth close to 2 MHz, the combined phase shift
of the three op amps causes the loop to oscillate.
2.5mV
–2.5mV
Careful consideration must be given to the layout of this circuit
as with any other high speed circuit.
Figure 45. Instrumentation Amplifier Settling Time to 0.01% for a
10 V Step Input (Negative Slope)
If the phase shift introduced by the layout is large enough, it can
alter the circuit performance, or worse, cause oscillation.
0.01% 10V STEP
VS =±15V
POS SLOPE
2.5mV
–2.5mV
VIN
VOUT
1/4
OP467
1/4
OP467
1/4
OP467
1/4
OP467
R1
3kΩ
2kΩ
R2
2kΩ
R6
1kΩ
C1
50pF
C2
50pF
R3
2kΩ
R4
2kΩ
R5
2kΩ
Figure 46. Instrumentation Amplifier Settling Time to 0.01% for a
10 V Step Input (Positive Slope)
Figure 48. 2 MHz Biquad Filter
+VS
AD9617
FREQUENCY (Hz)
–30
–20
–10
0
10k
100k
1M
10M
100M
–40
+
+
–VS
2kΩ
1kΩ
TO
INPUT
TO
IN-AMP
OUTPUT
ERROR
TO SCOPE
2kΩ
61.9Ω
549Ω
Figure 47. Settling Time Measurement Circuit
Figure 49. Biquad Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com