Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F913-I/ML Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16F913-I/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 29Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 30Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 31Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 32Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 33Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 34Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 35Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 36Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 31
PIC16F913/914/916/917/946
TABLE 2-4:
PIC16F91X/946 SPECIAL FUNCTION REGISTERS SUMMARY BANK 3
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 3
180h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical
register)
xxxx xxxx
41,226
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
33,227
182h
PCL
Program Counter (PC) Least Significant Byte
0000 0000
40,226
183h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
32,226
184h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
41,226
185h
TRISF(3)
TRISF7
TRISF6
TRISF5
TRISF4
TRISF3
TRISF2
TRISF1
TRISF0
1111 1111
81,228
186h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
54,227
187h
TRISG(3)
—
—
TRISG5
TRISG4
TRISG3
TRISG2
TRISG1
TRISG0
--11 1111
84,228
188h
PORTF(3)
RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
xxxx xxxx
81,228
189h
PORTG(3)
—
—
RG5
RG4
RG3
RG2
RG1
RG0
--xx xxxx
84,228
18Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
40,226
18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
34,226
18Ch
EECON1
EEPGD
—
—
—
WRERR
WREN
WR
RD
0--- x000
189,229
18Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
187
18Eh
—
Reserved
—
—
18Fh
—
Reserved
—
—
190h
LCDDATA12(3)
SEG31
COM0
SEG30
COM0
SEG29
COM0
SEG28
COM0
SEG27
COM0
SEG26
COM0
SEG25
COM0
SEG24
COM0
xxxx xxxx
147,228
191h
LCDDATA13(3)
SEG39
COM0
SEG38
COM0
SEG37
COM0
SEG36
COM0
SEG35
COM0
SEG34
COM0
SE33
COM0
SEG32
COM0
xxxx xxxx
147,228
192h
LCDDATA14(3)
—
—
—
—
—
—SEG41
COM0
SEG40
COM0
---- --xx
147,228
193h
LCDDATA15(3)
SEG31
COM1
SEG30
COM1
SEG29
COM1
SEG28
COM1
SEG27
COM1
SEG26
COM1
SEG25
COM1
SEG24
COM1
xxxx xxxx
147,228
194h
LCDDATA16(3)
SEG39
COM1
SEG38
COM1
SEG37
COM1
SEG36
COM1
SEG35
COM1
SEG34
COM1
SEG33
COM1
SEG32
COM1
xxxx xxxx
147,228
195h
LCDDATA17(3)
—
—
—
—
—
—SEG41
COM1
SEG40
COM1
---- --xx
147,228
196h
LCDDATA18(3)
SEG31
COM2
SEG30
COM2
SEG29
COM2
SEG28
COM2
SEG27
COM2
SEG26
COM2
SEG25
COM2
SEG24
COM2
xxxx xxxx
147,228
197h
LCDDATA19(3)
SEG39
COM2
SEG38
COM2
SEG37
COM2
SEG36
COM2
SEG35
COM2
SEG34
COM2
SEG33
COM2
SEG32
COM2
xxxx xxxx
147,228
198h
LCDDATA20(3)
—
—
—
—
—
—SEG41
COM2
SEG40
COM2
---- --xx
147,228
199h
LCDDATA21(3)
SEG31
COM3
SEG30
COM3
SEG29
COM3
SEG28
COM3
SEG27
COM3
SEG26
COM3
SEG25
COM3
SEG24
COM3
xxxx xxxx
147,228
19Ah
LCDDATA22(3)
SEG39
COM3
SEG38
COM3
SEG37
COM3
SEG36
COM3
SEG35
COM3
SEG34
COM3
SEG33
COM3
SEG32
COM3
xxxx xxxx
147,228
19Bh
LCDDATA23(3)
—
—
—
—
—
—SEG41
COM3
SEG40
COM3
---- --xx
147,228
19Ch
LCDSE3(2, 3)
SE31
SE30
SE29
SE28
SE27
SE26
SE25
SE24
0000 0000
147,229
19Dh
LCDSE4(2, 3)
SE39
SE38
SE37
SE36
SE35
SE34
SE33
SE32
0000 0000
147,229
19Eh
LCDSE5(2, 3)
—
—
—
—
—
—
SE41
SE40
---- --00
147,229
19Fh
—
Unimplemented
—
—
Legend:
–
= Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
This register is only initialized by a POR or BOR reset and is unchanged by other Resets.
3:
PIC16F946 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com