Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F913-I/ML Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16F913-I/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 14Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 15Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 16Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 17Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 18Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 19Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 20Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 21Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 16
© 2007 Microchip Technology Inc.
FIGURE 1-2:
PIC16F914/917 BLOCK DIAGRAM
PORTD
RD0
RD1
RD2
RD3
RD4
RD5
RD6
RD7
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
PORTB
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
PORTA
8
8
8
3
8-Level Stack (13-bit)
256/352 bytes
4K/8K x 14
VSS
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
INT
Configuration
Internal
Oscillator
VDD
Block
Program Memory Read
Data EEPROM
256 bytes
PORTC
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
PORTE
(PMR)
RE0
RE1
RE2
RE3/MCLR
PLVD
LCD
Comparators
Addressable
USART
CCP2
SSP
Timer0
Timer1
Timer2
10-bit A/D
CCP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com