Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2ML-500 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5CN-R2ML-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2ML-500 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5CN-R2ML-500 Datasheet HTML 1Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 2Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 3Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 4Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 5Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 6Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2ML-500 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Digital Temperature Controllers
E5CN/E5CN-U
1
Digital Temperature Controllers
E5CN/E5CN-U
This Best-selling General-purpose 48
´48-mm
Temperature Controller Is Now Even Better.
Easy, Dependable, Complete Functionality,
and 11-segment Displays.
• Controllers now available with analog inputs.
• Faster sampling at 250 ms.
• Transfer output provided for easy output to recorders.
• Voltage outputs (to drive SSRs) for both heating and cooling
control. Can be used for alarms to provide three alarm outputs.
• Models available with three-phase heater burnout detection and
SSR fault detection.
• Easy setting with 11-segment displays.
• Connect to either a thermocouple or platinum resistance
thermometer with the same model.
• Easily see the status from a distance with PV display with three-
color switching function.
• Setting protection indicator informs operator when protection is
enabled.
• Manual output provided.
• Controller available with long-life relay output (available soon).
Note: Refer to Precautions on page 21.
Note: Refer to page 19 for information on changes in comparison to
previous models.
Features
Improved Functions for a Wider Range of Application
Control Analog Values, such as Pressures, Flowrates,
and Levels
The new E5CN Series now also includes models that accept analog
inputs, enabling control applications other than for temperature,
including pressure, flowrate, level, humidity, and weight control.
Note: E5CN-
@L (Models with Analog Inputs)
Faster Sampling at 250 ms
The previous sampling time of 500 ms has been reduced by half to
250 ms. This enables the new E5CN to handle application requiring
even greater response speed and accuracy.
Easy Connector to a Recorder
A transfer output now makes it easy to connect to a recorder or PLC
Analog I/O Unit.
Note: E5CN-C
@ (Models with Current Outputs)
Voltage Outputs (to Drive SSRs) for Both Heating and
Cooling Control. Can Be Used for Alarms to Provide
Three Alarm Outputs.
Voltage outputs can be used for both heating and cooling for Models
with Two Control Outputs. Also, control output 2 can be set for use as
an alarm output, to enable using up to three alarm outputs.
Note: E5CN-
@Q (Option Board)
Three-phase Heater Burnout Detection
With Models with Three-phase Heater Burnout and SSR Failure
Detection, two current transformers can be connected to detect both
heater burnout and SSR failure at the same time, reducing costs
because a separate heater burnout alarm device is not required.
SSR failure detection can be used even with Models with Single-
phase Heater Burnout Alarms.
Note: E5CN-
@HH@ (Option Board)
Easy, Dependable, and Even Faster
Easy Setting with 11-segment Displays
The new E5CN features 11-segment displays to make text easier to
read, eliminating the need to decode displays when trying to set
parameters, as was necessary with previous temperature controllers.
Multi-input Capability with One Controller
Connect to either a thermocouple or platinum resistance
thermometer with the same model. Model selection is simplified,
stocks are reduced, and fewer maintenance parts are required.
Easily See Status from a Distance with PV Display with
Three-color Switching Function
Setting Protection Indicator Informs Operator when
Protection Is Enabled
A special icon on the display panel lights to let the operator know
when setting protection has been set.


Similar Part No. - E5CN-R2ML-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-R2ML-500 OMRON-E5CN-R2ML-500 Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5CN-R2ML-500 OMRON-E5CN-R2ML-500 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
More results

Similar Description - E5CN-R2ML-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN OMRON-E5GN Datasheet
104Kb / 6P
Digital Temperature Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
Temperature Controllers
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11_15 Datasheet
134Kb / 1P
Temperature PID Controllers
96VFL13 EXTECH-96VFL13_15 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
Digital Power Controllers
logo
Omron Electronics LLC
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
Digital Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
Temperature Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com