Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5059TS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TSA5059TS
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059TS Datasheet(HTML) 5 Page - NXP Semiconductors

  TSA5059TS Datasheet HTML 1Page - NXP Semiconductors TSA5059TS Datasheet HTML 2Page - NXP Semiconductors TSA5059TS Datasheet HTML 3Page - NXP Semiconductors TSA5059TS Datasheet HTML 4Page - NXP Semiconductors TSA5059TS Datasheet HTML 5Page - NXP Semiconductors TSA5059TS Datasheet HTML 6Page - NXP Semiconductors TSA5059TS Datasheet HTML 7Page - NXP Semiconductors TSA5059TS Datasheet HTML 8Page - NXP Semiconductors TSA5059TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1999 Oct 05
5
Philips Semiconductors
Preliminary specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059
PINNING
SYMBOL
PIN
DESCRIPTION
CP
1
charge pump output
XTAL
2
crystal oscillator input
XT/COMP
3
fxtal or fcomp signal output
AS
4
I2C-bus address selection input
SDA
5
I2C-bus serial data input/output
SCL
6
I2C-bus serial clock input
P3
7
general purpose output Port 3
P2
8
general purpose input/output Port 2
P1
9
general purpose input/output Port 1
P0
10
general purpose input/output Port 0
ADC
11
analog-to-digital converter input
VCC
12
supply voltage
RFA
13
RF signal input A
RFB
14
RF signal input B
GND
15
ground supply
VT
16
tuning voltage output
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
CP
XTAL
XT/COMP
AS
SDA
GND
RFB
RFA
VCC
ADC
P0
P1
SCL
P3
P2
VT
TSA5059
FCE121
FUNCTIONAL DESCRIPTION
The TSA5059 contains all the necessary elements but a
reference source and a loop filter to control a varicap tuned
local oscillator forming a phase locked loop frequency
synthesized source. The IC is designed in a high speed
process with a fast phase detector to allow a high
comparison frequency to reach a low phase noise level on
the oscillator.
The block diagram is shown in Fig.1. The RF signal is
applied at pins RFA and RFB. Thanks to the input
preamplifier a good sensitivity is provided. The output of
the preamplifier is fed to the 17-bit programmable divider
either through a divide-by-two prescaler or directly.
Because of the internal high speed process, the RF divider
is working for a frequency up to 2.7 GHz, without the need
for the divide-by-two prescaler to be used. This prescaler
is present on chip for compatibility reasons with existing
circuits.
The output of the 17-bit programmable divider fDIV is fed
into the phase comparator, where it is compared in both
phase and frequency with the comparison frequency fcomp.
This frequency is derived from the signal present at
pin XTAL, fxtal, divided down in the reference divider. It is
possible either to connect a quartz crystal to pin XTAL and
then using the on-chip crystal oscillator, or to feed this pin
with a reference signal from an external source.
The reference divider can have a dividing ratio selected
from 16 different values between 2 and 320, including the
ratio 24 to cope with the offset requirement of the UK-DTT
system, see Table 8.
The output of the phase comparator drives the
charge pump and the loop amplifier section. This amplifier
has an on-chip high voltage drive transistor which avoids
the use of an additional external component. Pin CP is the
output of the charge pump, and pin VT is the pin to drive
the tuning voltage to the varicap diode of the Voltage
Controlled Oscillator (VCO). The loop filter has to be
connected between pins CP and VT.
In addition, it is possible to drive another PLL synthesizer,
or the clock input of a digital demodulation IC, from the
pin XT/COMP. It is possible to select by software either
fxtal, the crystal oscillator frequency or fcomp, the frequency
present after the reference divider at this pin. It is also
possible to switch off this output, in case it is not used.
For test and alignment purposes, it is possible to release
the tuning voltage output to be able to apply an external
voltage on it, to select one of the three charge pump test
modes, and to monitor half the fDIV at Port P0. See
Table 10 for all possible modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com