Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5059TS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TSA5059TS
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059TS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TSA5059TS Datasheet HTML 7Page - NXP Semiconductors TSA5059TS Datasheet HTML 8Page - NXP Semiconductors TSA5059TS Datasheet HTML 9Page - NXP Semiconductors TSA5059TS Datasheet HTML 10Page - NXP Semiconductors TSA5059TS Datasheet HTML 11Page - NXP Semiconductors TSA5059TS Datasheet HTML 12Page - NXP Semiconductors TSA5059TS Datasheet HTML 13Page - NXP Semiconductors TSA5059TS Datasheet HTML 14Page - NXP Semiconductors TSA5059TS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1999 Oct 05
11
Philips Semiconductors
Preliminary specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); note 1.
Note
1. Maximum ratings cannot be exceeded, not even momentarily without causing irreversible IC damage. Maximum
ratings cannot be accumulated.
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be completely safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+6.0
V
V(n)
voltage on pins
CP, XTAL, XT/COMP, AS, P0, P1,
P2, P3, ADC, RFA and RFB
−0.3
VCC + 0.3
V
SCL and SDA
−0.3
+6.0
V
VT
−0.3
+35
V
IO(SDA)
serial data output current
−1.0
+10.0
mA
IO(Px)
P0, P1, P2 and P3 output current
port switched on
−1.0
+20.0
mA
IO(ΣPx)
sum of currents in P0, P1, P2 and P3
−
50.0
mA
Tamb
ambient temperature
−20
+85
°C
Tstg
storage temperature
−40
+150
°C
Tj(max)
maximum junction temperature
−
150
°C
tsc
short-circuit time
each pin to VCC or GND
−
10
s
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TSA5059T (SOT109-1; SO16)
115
K/W
TSA5059TS (SOT369-1; SSOP16)
144
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com