Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBECT231M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EBECT231M
Description  Timers Interval, Delay on Release
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBECT231M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EBECT231M Datasheet HTML 1Page - List of Unclassifed Manufacturers EBECT231M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (27.12.99)
EBE
General Specifications
EMC
Electromagnetic
Compatibiliry
Immunity
Acc. to IEC 60801-4
Acc. to IEC 60801-5
Power ON delay
< 200 ms
Power OFF delay
≥ 200 ms
Indication for
Power supply ON
LED, green
Output ON
LED, yellow
Environment
Degree of protection
IP 20
Pollution degree
3
Operating temperature
-20° to+50°C (-4° to +122°F)
Storage temperature
-50° to+85°C (-58° to +185°F)
Weight
170 g
Screw terminals
Tightening torque
Max. 0.5 Nm acc. to
IEC60947
Approvals
UL, CSA
CE-marking
Yes
Supply Specifications
Power supply
Overvoltage cat. III (IEC 60664)
Rated operational voltage
(IEC 60038)
through term. A1 & A2 T23
115-230 VAC, -10/+15%
frequency
50/60 Hz, -5/+5 Hz
through term. A1 & A3 T23
24 VAC/DC, -10/+15%
frequency
50/60 Hz, -5/+5 Hz
through term. A1 & A2 024
24 VAC/DC, -10/+15%
frequency
50/60 Hz, -5/+5 Hz
through term. A1 & A2 115
115 VAC, -15/+15%
frequency
50/60 Hz, -5/+5 Hz
through term. A1 & A2 230
230 VAC, -15/+15%
frequency
50/60 Hz, -5/+5 Hz
Voltage interruption
≤ 40 ms
Dielectric voltage
None
Rated impulse withstand
voltage
4 kV (1.2/50 µs)
Rated operational current
EBE C
25 mA @ 24 VDC
40 mA @ 24 VAC
30 mA @ 115 VAC
50 mA @ 230 VAC
EBE D
30 mA @ 24 VDC
50 mA @ 24 VAC
30 mA @ 115 VAC
40 mA @ 230 VAC
Wiring Diagrams
EBE C
EBE D
Operation Diagram
Mode of Operation
Power supply must be con-
stantly applied.
When terminals A1 & Y1 are
interconnected,
the
relay
operates, and when A1 & Y1
are disconnected, the time
period starts.
When the time has expired,
the relay releases, and the
relay is ready for a new
sequence.
When interconnecting A1 &
Y1
before
the
relay
has
released the time period is
reset, and a new time period
starts when disconnecting
A1 & Y1.
Time Setting
Selection of time ranges
Upper knob:
3-position rotary switch.
Time setting
Lower knob:
Knob-adjustable on relative
scale 1-10.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com