Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBECT231M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EBECT231M
Description  Timers Interval, Delay on Release
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBECT231M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EBECT231M Datasheet HTML 1Page - List of Unclassifed Manufacturers EBECT231M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (27.12.99)
1
Mounting
Output
Time range
Supply:
Supply:
Supply:
Supply:
24 VAC/DC
24 VAC/DC
115 VAC
230 VAC
& 115-230 VAC
For DIN-rail
SPDT
0.1 s - 1 m
EBE C T23 1M
SPDT
1 m - 10 h
EBE C T23 10H
DPDT
0.1 s - 1 m
EBE D 024 1M
DPDT
1 m - 10 h
EBE D 024 10H
DPDT
0.1 s - 1 m
EBE D 115 1M
DPDT
1 m - 10 h
EBE D 115 10H
DPDT
0.1 s - 1 m
EBE D 230 1M
DPDT
1 m - 10 h
EBE D 230 10H
Timers
Interval, Delay on Release
Type EBE
• Time range 0.1 s to 10 h
• Pulse start
• Knob-adjustable time setting
• Knob selection of time range
• Oscillator-controlled time circuit
• Repeat accuracy:
≤ 0.2%
• Output: 5 A SPDT or 5 A DPDT
• For mounting on DIN-rail in accordance with
DIN/EN 50 022
• 22.5 mm housing
• LED-indication for relay and power supply ON
• Combined AC and DC power supply
Product Description
Ordering Key
Housing
Function
Type
Output
Power supply
Time range
Type Selection
Mono-function, pulse con-
trolled interval timer with 3
selectable time ranges with-
in 0.1 s to 1 m or 1 m to 10 h.
For mounting on DIN-rail.
Often used in applications
such as flushing systems,
dosing
plants,
lighting
systems, etc.
Time Specifications
Time ranges
Type 1 M
Selectable by rotary switch
0.1 s - 1 s
1 s - 10 s
0.1 m - 1 m
Type 10 H
Selectable by rotary switch
1 m - 10 m
0.1 h - 1 h
1 h - 10 h
Repeat accuracy
≤ 0.2%
Time range accuracy
±10% on max.
min. actual time
≤ min. set time
Range 1 s
Min. time
≤ 0.15 s
Temperature drift
≤ 0.2%/°C (≤ 0.11%/°F)
Reset
Power supply interruption
≥ 200 ms
Interconnect terminals
A1 & Y1
Reaction time:
≤ 100 ms
Output Specifications
Output
Type C
SPDT relay
Type D
DPDT relay
Rated insulation voltage
250 VAC (contact/elect.)
Contact ratings (AgCdO)
µ (micro gap)
Resistive loads
AC 1
5 A, 250 VAC
DC 1
5 A, 24 VDC
Small inductive loads AC 15
2 A, 250 VAC
DC 13
3 A, 24 VDC
Mechanical life
≥ 40 x 10
6
operations
Electrical life
≥ 10
5
operations
(at max. load)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
EBE C T23 1M


Similar Part No. - EBECT231M

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBE-XX-C ADAM-TECH-EBE-XX-C Datasheet
67Kb / 1P
909 Rahway Avenue
EBE02A ADAM-TECH-EBE02A Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBE02B ADAM-TECH-EBE02B Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBE02H ADAM-TECH-EBE02H Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBE02J ADAM-TECH-EBE02J Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBECT231M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B128220006 ETC2-B128220006 Datasheet
64Kb / 2P
Timers Delay on Release
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
Timers Delay on Release
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
Timers True delay on release
EBACT2310H ETC2-EBACT2310H Datasheet
29Kb / 2P
Timers Interval
logo
Carlo Gavazzi Holding A...
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
Timers True delay on release Types
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
Timers Delay on Release
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
Timers Delay on Release
DBB51 CARLOGAVAZZI-DBB51 Datasheet
70Kb / 2P
Timers True Delay on Release
DBB02 CARLOGAVAZZI-DBB02 Datasheet
124Kb / 3P
Timers True delay on release
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
STB Series Solid State Triggered Delay-On-Release Timers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com