Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2TU Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E5CN-R2TU
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2TU Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E5CN-R2TU Datasheet HTML 6Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 9Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 10Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 11Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 12Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 13Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Digital Temperature Controllers
E5CN/E5CN-U
External Connections
• A voltage output (control output) is not electrically insulated from the internal circuits. When using a grounding thermocouple, do not connect
any of the control output terminals to ground. If the control output terminals are connected to ground, errors will occur in the measured
temperature values as a result of leakage current.
• Standard insulation is applied between any of the following: power supply terminals, input terminals, output terminals, and communications
terminals (for models with communications). If reinforced insulation is required, provide additional insulation, such as spacial distance or
material insulation, as defined by IEC 60664 suitable for the maximum operating voltage.
Relay Output
Voltage Output
Terminals 11 to 15 do not exist on models without an Option Unit (heater burnout detection, control output 2, event inputs, or communications).
Terminal applications depend on the model of the Option Unit.
−
+
+
−
+
Alarm Outputs
Control output 1
Alarm 1/
Heater burnout alarm/
Input error output (See note.)
Alarm 2
Analog input
Current Output
Infrared
temperature
sensor
Communications/
Heater burnout/
SSR failure
detection (2-CT input)
Platinum
resistance
thermometer
Communications/
voltage output
specification
+
−
Do not
connect.
Voltage output/
Heater burnout/
SSR failure
detection
+
−
Control output 2
Do not
connect.
Event input 1
Event input 2
Event input/
Heater burnout /
SSR failure
detection
Heater burnout/
SSR failure
detection input
Heater burnout/
SSR failure
detection input
Voltage output
12 VDC, 21 mA
Heater burnout/
SSR failure
detection input
The input power supply depends on the power
supply specification of the Controller and is
either 100 to 240 VAC or 24 VAC/DC (no
polarity).
Note: Output when an input error output is
enabled in the Advance Function Setting
Level. If an input error output is enabled,
the
a1-1 operation indication on the front
panel will not light and
s.err will be
displayed on the No. 1 display.
6
7
8
9
10
11
12
13
14
15
1
3
2
4
5
11
12
13
14
15
B
Pt
TC
A
B
B
A
V
mA
6
7
8
1
2
1
2
1
2
RS-485
CT1
CT2
11
12
13
14
15
B
A
RS-485
11
12
13
14
15
11
12
13
14
15
CT1
CT1
−
+
4 to 20 mA DC/
0 to 20 mA DC
−
+
12 VDC
21 mA
Input power supply
Control output 2
Voltage output
12 VDC, 21 mA
E5CN
7
8
9
10
11
1
2
3
4
6
Voltage Output
Pt
TC
Alarm 1/
Input error output
(See note.)
Control output 1
Input power supply
Do not connect.
7
8
9
Alarm 1/
Input error output
Alarm 2/
Control output 2
Analog input
A
B
B
+
+
+
−
−
−
DC12V
21mA
5
4
Relay Output
One Alarm Output
Two Alarm Outputs
5
Infrared temperature sensor
Platinum
resistance
thermometer
The input power supply depends on the power supply specification of the
Controller and is either 100 to 240 VAC or 24 VAC/DC (no polarity).
Order the P2CF-11 or P3GA-11 Socket separately. (See page 14.)
Note: Output when an input error output is
enabled in the Advance Function
Setting Level. If an input error
output is enabled, the
al-1
operation indication on the front
panel will not light and
s.err will be
displayed on the No. 1 display.
0 to 50 mV input only
E5CN-U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com