Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2TU Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # E5CN-R2TU
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2TU Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E5CN-R2TU Datasheet HTML 15Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 16Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 17Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 18Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 19Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 20Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 21Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 22Page - Omron Electronics LLC E5CN-R2TU Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Digital Temperature Controllers
E5CN/E5CN-U
19
■ Specifications
Ratings
Item
Previous models
Improved models
Power
consumption
E5CN
7 VA (100 to 240 VAC, 50/60 Hz)
4 VA/3 W (24 VAC, 50/60 Hz or 24 VDC)
7.5 VA (100 to 240 VAC, 50/60 Hz)
4 VA/3 W (24 VAC, 50/60 Hz or 24 VDC)
E5CN-U
6 VA (100 to 240 VAC, 50/60 Hz)
3 VA/2 W (24 VAC, 50/60 Hz or 24 VDC)
6 VA (100 to 240 VAC, 50/60 Hz)
3 VA/2 W (24 VAC, 50/60 Hz or 24 VDC)
Sensor input
E5CN-
@@TC
Thermocouple: K, J, T, E, L, U, N, R, S, or B
Infrared temperature sensor: 10 to 70
°C,
60 to 120
°C or 115 to 165°C (160 to 260°C)
Voltage input: 0 to 50 mV
E5CN-
@@T (Multi-input models)
Thermocouple: K, J, T, E, L, U, N, R, S, or B
Infrared temperature sensor: 10 to 70
°C,
60 to 120
°C or 115 to 165°C (160 to 260°C)
Voltage input: 0 to 50 mV
Platinum resistance thermometer: Pt100 or JPt100
E5CN-
@@P
Platinum resistance thermometer: Pt100 or JPt100
(No models with analog inputs)
E5CN-
@@L (Models with analog inputs added.)
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Control
output
Relay
E5CN-R
@@
SPST-NO, 250 VAC, 3 A (resistive load)
Electrical life: 100,000 operations min.
E5CN-R
@@
SPST-NO, 250 VAC, 3 A (resistive load)
Electrical life: 100,000 operations min.
---
E5CN-Y
@@ (Added models with long-life relay
outputs.)
(To be available soon)
SPST-NO, 250 VAC, 3 A (resistive load)
Electrical life: 1,000,000 operations min. DC loads
cannot be connected.
Voltage
E5CN-Q
@@
12 VDC
±15% (PNP)
Max. load current: 21 mA
With short-circuit protection
E5CN-Q
@@
12 VDC
±15% (PNP)
Max. load current: 21 mA
With short-circuit protection
Current
E5CN-C
@@
4 to 20 mA DC
Load: 600
W max.
Resolution: Approx. 2,600
E5CN-C
@@
4 to 20 mA DC or 0 to 20 mA DC
Load: 600
W max.
Resolution: Approx. 2,700
Control
output 2
Voltage
(No models with two control outputs)
(Option Unit)
12 VDC
±15% (PNP)
Max. load current: 21 mA
With short-circuit protection
Display method
7-segment digital display and single-LED indicators
Character height: PV: 9.9 mm, SV: 6.4 mm
11-segment digital display and single-LED indicator
(Improved visibility)
(A 7-segment digital display also possible.)
Character height: PV: 11.0 mm, SV: 6.5 mm
Transfer output
(No models with transfer outputs)
E5CN-C
@@ (current output)
Allocated to current output
4 to 20 mA DC or 0 to 20 mA DC
Load: 600
W max.
Resolution: Approx. 2,700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com