Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5059ATS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TSA5059ATS
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059ATS Datasheet(HTML) 2 Page - NXP Semiconductors

  TSA5059ATS Datasheet HTML 1Page - NXP Semiconductors TSA5059ATS Datasheet HTML 2Page - NXP Semiconductors TSA5059ATS Datasheet HTML 3Page - NXP Semiconductors TSA5059ATS Datasheet HTML 4Page - NXP Semiconductors TSA5059ATS Datasheet HTML 5Page - NXP Semiconductors TSA5059ATS Datasheet HTML 6Page - NXP Semiconductors TSA5059ATS Datasheet HTML 7Page - NXP Semiconductors TSA5059ATS Datasheet HTML 8Page - NXP Semiconductors TSA5059ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 Oct 24
2
Philips Semiconductors
Product specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059A
FEATURES
• Complete 2.7 GHz single chip system
• Optimized for low phase noise
• Selectable divide-by-two prescaler
• Operation up to 2.3 GHz without divide-by-two prescaler
(satellite zero-IF applications) and up to 2.7 GHz with
divide-by-two prescaler
• Selectable reference divider ratio
• Selectable crystal or comparison frequency output
• Four selectable charge pump currents
• Four selectable I2C-bus addresses
• Standard and fast mode I2C-bus
• I2C-bus compatible with 3.3 and 5 V microcontrollers
• 5-level Analog-to-Digital Converter (ADC)
• Low power consumption
• Three I/O ports and one output port.
APPLICATIONS
• Satellite zero-IF and non-zero-IF tuning systems
• Digital set-top boxes.
GENERAL DESCRIPTION
The TSA5059A is a single chip PLL frequency synthesizer
designed for satellite tuning systems up to 2.7 GHz.
The RF preamplifier drives the 17-bit main divider enabling
a step size equal to the comparison frequency, for an input
frequency up to 2.3 GHz covering the complete satellite
zero-IF frequency range. A fixed divide-by-two additional
prescaler can be inserted between the preamplifier and
the main divider for a frequency between 2.3 and 2.7 GHz.
In this case, the step size is twice the comparison
frequency.
The comparison frequency is obtained from an on-chip
crystal oscillator that can also be driven from an external
source. Either the crystal frequency or the comparison
frequency can be switched to the XT/COMP output pin to
drive the reference input of another synthesizer or the
clock input of a digital demodulation IC.
Both divided and comparison frequency are compared into
the fast phase detector which drives the charge pump.
The loop amplifier is also on-chip, excepted an external
NPN transistor to drive directly the 33 V tuning voltage.
Control data is entered via the I2C-bus; five serial bytes are
required to address the device, select the main divider
ratio, the reference divider ratio, program the four output
ports, set the charge pump current, select the prescaler by
two, select the signal to switch to the XT/COMP output pin
and select a specific test mode. Three of the four output
ports can also be used as input ports and a 5-level ADC is
provided. Digital information concerning the input ports
and the ADC can be read out of the TSA5059A on the SDA
line (one status byte) during a READ operation. A flag is
set when the loop is ‘in-lock’ and is read during a READ
operation, as well as the Power-on reset flag. The device
has four programmable addresses, programmed by
applying a specific voltage at pin AS, enabling the use of
multiple synthesizers in the same system.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TSA5059AT
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
TSA5059ATS
SSOP16
plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com