Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5059ATS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TSA5059ATS
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059ATS Datasheet(HTML) 3 Page - NXP Semiconductors

  TSA5059ATS Datasheet HTML 1Page - NXP Semiconductors TSA5059ATS Datasheet HTML 2Page - NXP Semiconductors TSA5059ATS Datasheet HTML 3Page - NXP Semiconductors TSA5059ATS Datasheet HTML 4Page - NXP Semiconductors TSA5059ATS Datasheet HTML 5Page - NXP Semiconductors TSA5059ATS Datasheet HTML 6Page - NXP Semiconductors TSA5059ATS Datasheet HTML 7Page - NXP Semiconductors TSA5059ATS Datasheet HTML 8Page - NXP Semiconductors TSA5059ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Oct 24
3
Philips Semiconductors
Product specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059A
QUICK REFERENCE DATA
VCC = 4.75 to 5.25 V; Tamb = −20 to +85 °C; unless otherwise specified.
Notes
1. Bit PE needs to be set to logic 1 for a frequency higher than 2.3 GHz.
2. Asymmetrical drive on pin RFA or RFB; see Fig.3.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.75
5.0
5.25
V
ICC
supply current
Tamb =25 °C
303745mA
fi(RF)
RF input frequency
note 1
900
−
2700
MHz
Vi(RF)(rms)
RF input voltage (RMS value)
fi(RF) from 900 to 2200 MHz;
note 2
7.1
−
300
mV
−30
−
+2.5
dBm
fi(RF) from 2.2 to 2.7 GHz;
note 2
22.4
−
300
mV
−20
−
+2.5
dBm
fxtal
crystal frequency
4
−
16
MHz
Tamb
ambient temperature
−20
−
+85
°C
Tstg
storage temperature
−40
−
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com