Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN63 Datasheet(PDF) 4 Page - VAT Group AG

Part # DN63
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

DN63 Datasheet(HTML) 4 Page - VAT Group AG

  DN63 Datasheet HTML 1Page - VAT Group AG DN63 Datasheet HTML 2Page - VAT Group AG DN63 Datasheet HTML 3Page - VAT Group AG DN63 Datasheet HTML 4Page - VAT Group AG DN63 Datasheet HTML 5Page - VAT Group AG DN63 Datasheet HTML 6Page - VAT Group AG DN63 Datasheet HTML 7Page - VAT Group AG DN63 Datasheet HTML 8Page - VAT Group AG DN63 Datasheet HTML 9Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
4/19
1
Use of product
Use product for clean and dry indoor vacuum applications under the conditions indicated in chapter «Technical data» only!
Other applications are only allowed with the written permission of VAT.
Corrosive process gases may impact the performance of the product. Please contact VAT to assure that the product is
compatible with the process gases used in your application.
1.1
Technical data
Pressure range
DN 63 - 200: 1 x 10-8 mbar to 2 bar (abs)
DN 250 - 400: to 1 bar (abs)
Differential pressure on the closed gate
DN 63 - 200: 2 bar in either direction
DN 250 - 400: 1 bar in either direction
Max. differential pressure at opening
30 mbar
Admissible temperature:
Valve
< 150°C
Actuator
< 50°C
Cycles until first service
200000
Supply voltage
see label on solenoid control valve
Power required
2 x 2,5 W
Contact rating of position indicator
5 A / 250 V AC, 3 A / 50 V DC
Compressed air pressure
4 - 7 bar / 56 -98 psi
Further data according to VAT catalogue «Vacuum Valves 2008».



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com