Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN63 Datasheet(PDF) 13 Page - VAT Group AG

Part # DN63
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

DN63 Datasheet(HTML) 13 Page - VAT Group AG

Back Button DN63 Datasheet HTML 9Page - VAT Group AG DN63 Datasheet HTML 10Page - VAT Group AG DN63 Datasheet HTML 11Page - VAT Group AG DN63 Datasheet HTML 12Page - VAT Group AG DN63 Datasheet HTML 13Page - VAT Group AG DN63 Datasheet HTML 14Page - VAT Group AG DN63 Datasheet HTML 15Page - VAT Group AG DN63 Datasheet HTML 16Page - VAT Group AG DN63 Datasheet HTML 17Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
13/19
4
Trouble shooting
Failure
Check
Action
Valve does not close/open/control
Compressed air?
Electrical connection?
Differential pressure
Mechanical parts
blocked?
Check compressed air at solenoids
Is differential pressure < 30 mbar?
Do not operate valve, while differential pressure
is > 30 mbar. Equalize pressure first.
Is valve cable connected properly?
Mechanical parts blocked? (cleaning)
Leak at gate
Sealing surface gate
Gate
O-ring
Clean valve seat and gate!
Check surface of seat and O-ring
Change O-ring, if necessary
Leak at body
Leak check
Flange seals leaktight?
Bonnet seal leaktight?
Screws at bonnet tightened properly?
If you need any further information, please contact one of our service centers. You can find the addresses on our website:
http://www.vat.ch
5
Maintenance & repairs
Under clean operating conditions, the valve does not require any maintenance during the specified cycle life.
Contamination from the process may influence the function and requires more frequent maintenance.
Before carrying out any maintenance or repairs, please contact VAT. It has to be individually decided whether the
maintenance/repair can be performed by the customer or has to be carried out by VAT. The fabrication number on the
valve
made in Switzerland
Fabrication No.:
patented
. .
. . . . . – . . . . – . . . . / . . . .
A
– . . . . . .
Fabrication number
has always to be specified.
All supplies (e. g. compressed air, electrical power) must be disconnected for removal/installation of the valve from/into the
system and for maintenance work.
Even with disconnected supply, loaded springs and/or air cushions in cylinders can be potential hazards.
Keep fingers and objects away from the valve opening!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com