Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77775-R1 Datasheet(PDF) 8 Page - VAT Group AG

Part # 77775-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77775-R1 Datasheet(HTML) 8 Page - VAT Group AG

Back Button 77775-R1 Datasheet HTML 4Page - VAT Group AG 77775-R1 Datasheet HTML 5Page - VAT Group AG 77775-R1 Datasheet HTML 6Page - VAT Group AG 77775-R1 Datasheet HTML 7Page - VAT Group AG 77775-R1 Datasheet HTML 8Page - VAT Group AG 77775-R1 Datasheet HTML 9Page - VAT Group AG 77775-R1 Datasheet HTML 10Page - VAT Group AG 77775-R1 Datasheet HTML 11Page - VAT Group AG 77775-R1 Datasheet HTML 12Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
8/19
2.2.4
Actuator position (example)
Position A (Standard)
Position B (Option)
Note: For actuator position of your valve refer to the dimension diagram of your valve.
2.2.5
Compressed air connection by external solenoid (option)
Required solenoids: - Two 5/2
way valves
Air connections :
- Adapter with internal thread R 1/8
“ (1/8“ NPT for USA) mounted to the pipe thread screws 'A' and 'B'
instead of the solenoids. The pipe thread screws have also the function of an orifice for air pressure
reduction. They must not be removed or replaced.
- L-type connection 'C' with internal thread R 1/8
“ and integrated orifice for air pressure reduction (DN
63 - 200:
1.4 mm, DN 250 - 400:
1.8mm)
Apply compressed air pressure according the following table:
Actuator on „A-position“ (Standard)
A
B
C
open position
1
0
0
intermediate position
1
0
1
closed position
0
1
1/0
Actuator on „B-position“ (Option)
A
B
C
open position
0
1
1/0
intermediate position
1
0
1
closed position
1
0
0
1 = air pressure
0 = no air pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com