Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77775-R1 Datasheet(PDF) 10 Page - VAT Group AG

Part # 77775-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77775-R1 Datasheet(HTML) 10 Page - VAT Group AG

Back Button 77775-R1 Datasheet HTML 6Page - VAT Group AG 77775-R1 Datasheet HTML 7Page - VAT Group AG 77775-R1 Datasheet HTML 8Page - VAT Group AG 77775-R1 Datasheet HTML 9Page - VAT Group AG 77775-R1 Datasheet HTML 10Page - VAT Group AG 77775-R1 Datasheet HTML 11Page - VAT Group AG 77775-R1 Datasheet HTML 12Page - VAT Group AG 77775-R1 Datasheet HTML 13Page - VAT Group AG 77775-R1 Datasheet HTML 14Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
10/19
Solenoid for impulse actuation (option)
2
1
1
2
power
2
1
1
2
MV
MV
V1
2
1
1
2
power
2
1
1
2
MV
MV
V2
V1
= impulse solenoid for main cylinder
(next to pneumatics)
V2
= impuse solenoid for auxiliary cylinder
MV1 = solenoid coil for opening
MV2 = solenoid coil for closing
To open energize the solenoids MV1 of V1 and
V2 simultaneously
To close energize the solenoids MV2 of V1 and
V2 simultaneously
To throttle energize the solenoids MV1 of V1
and MV2 of V2 simultaneously
Actuator on A side
V1
V2
Actuator on B side
( solenoid turned 180 °)
V1
V2
MV
1
MV
2
MV
1
MV
2
MV
1
MV
2
MV
1
MV
2
open position
+
-
+
-
open position
+
-
+
-
intermediate position
+
-
-
+
intermediate position
-
+
+
-
closed position
-
+
-
+
closed position
-
+
-
+
+ = solenoid coil supplied with current
- = solenoid coil not supplied with current
+ = solenoid coil supplied with current
- = solenoid coil not supplied with current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com