Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77784-R1 Datasheet(PDF) 7 Page - VAT Group AG

Part # 77784-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77784-R1 Datasheet(HTML) 7 Page - VAT Group AG

Back Button 77784-R1 Datasheet HTML 3Page - VAT Group AG 77784-R1 Datasheet HTML 4Page - VAT Group AG 77784-R1 Datasheet HTML 5Page - VAT Group AG 77784-R1 Datasheet HTML 6Page - VAT Group AG 77784-R1 Datasheet HTML 7Page - VAT Group AG 77784-R1 Datasheet HTML 8Page - VAT Group AG 77784-R1 Datasheet HTML 9Page - VAT Group AG 77784-R1 Datasheet HTML 10Page - VAT Group AG 77784-R1 Datasheet HTML 11Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
7/19
2.2.3
Compressed air connection
Connect air pressure to inputs '1' of the solenoids (internal thread R 1/8
“, 1/8“ NPT for USA)
Solenoid valve:
Solenoid valve for impulse actuation:
Make sure the emergency operation screws are in remote position (fully counter-clockwise)
Note: Compressed air pressure (above atm): 4 - 7 bar / 56 -98 psi
Attention:
For proper function of the valve it is essential to use equal air pressure at OPEN -, CLOSE - and
MIDDLE Pos. inlets. See table on page 6. Please consider that different solenoids, tube lengths and
diameters can affect the air pressure.
Compressed air may only be connected if
- valve has been installed into the vacuum system
- moving parts cannot be touched
Use only clean, dry or slightly oiled air!
For secure switching of solenoids, the inner diameter of the air connection tubes has to be:
-
4 mm for lengths up to 1 m
-
6 mm for lengths from 1 m to 5 m
-
8 - 10 mm for lengths above 5 m
2 4
3
1
5
2 4
3
1
5
schematic:
schematic:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com