Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77784-R1 Datasheet(PDF) 11 Page - VAT Group AG

Part # 77784-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77784-R1 Datasheet(HTML) 11 Page - VAT Group AG

Back Button 77784-R1 Datasheet HTML 7Page - VAT Group AG 77784-R1 Datasheet HTML 8Page - VAT Group AG 77784-R1 Datasheet HTML 9Page - VAT Group AG 77784-R1 Datasheet HTML 10Page - VAT Group AG 77784-R1 Datasheet HTML 11Page - VAT Group AG 77784-R1 Datasheet HTML 12Page - VAT Group AG 77784-R1 Datasheet HTML 13Page - VAT Group AG 77784-R1 Datasheet HTML 14Page - VAT Group AG 77784-R1 Datasheet HTML 15Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
11/19
3
Operation
3.1
Normal operation
Operation is allowed only after proper installing procedure.
3.1.1
Adjustment of the intermediate position
The intermediate position can be adjusted (allen wrench 8mm) independently of the air pressure by means of the bolt
screw 'M' (see also page 7 and picture below), on the face side of the auxiliary cylinder.
Before moving the bolt screw 'M', open the locking screw (B) (allen wrench 2.5mm). After adjustment the intermediate
position, fasten the locking screw (B).
For easy adjustment, VAT is recommending to switching off the compressed air during adjustment of the intermediate
position.
A-side actuator: turning bolt screw 'M' clockwise moves the intermediate position to open
B-side actuator: turning bolt screw 'M' clockwise moves the intermediate position to close
The position indicator on the valve can be adjusted for the set intermediate position. Move valve with bolt screw 'M'
to the desired position and than turn the screw (A) with a screwdriver size 2 on top of the position indicator box in either
direction until the microswitch Lz switches. (Lz = position indicator for intermediate position)
A
position indicator for intermediate position
M
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com