Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F913-E/P Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F913-E/P
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/P Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F913-E/P Datasheet HTML 75Page - Microchip Technology PIC16F913-E/P Datasheet HTML 76Page - Microchip Technology PIC16F913-E/P Datasheet HTML 77Page - Microchip Technology PIC16F913-E/P Datasheet HTML 78Page - Microchip Technology PIC16F913-E/P Datasheet HTML 79Page - Microchip Technology PIC16F913-E/P Datasheet HTML 80Page - Microchip Technology PIC16F913-E/P Datasheet HTML 81Page - Microchip Technology PIC16F913-E/P Datasheet HTML 82Page - Microchip Technology PIC16F913-E/P Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 77
PIC16F913/914/916/917/946
3.7.1
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTE pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the Comparator or the ADC, refer to the
appropriate section in this data sheet.
3.7.1.1
RE0/AN5/SEG21(1)
Figure 3-26 shows the diagram for this pin. The RE0
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• an analog output for the LCD
3.7.1.2
RE1/AN6/SEG22(1)
Figure 3-26 shows the diagram for this pin. The RE1
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• an analog output for the LCD
3.7.1.3
RE2/AN7/SEG23(1)
Figure 3-26 shows the diagram for this pin. The RE2
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• an analog output for the LCD
3.7.1.4
RE3/MCLR/VPP
Figure 3-27 shows the diagram for this pin. The RE3
pin is configurable to function as one of the following:
• a digital input only
• as Master Clear Reset with weak pull-up
• a programming voltage reference input
3.7.1.5
RE4/SEG24(2)
Figure 3-28 shows the diagram for this pin. The
RE4/SEG24 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD
3.7.1.6
RE5/SEG25(2)
Figure 3-28 shows the diagram for this pin. The
RE5/SEG25 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD
3.7.1.7
RE6/SEG26(2)
Figure 3-28 shows the diagram for this pin. The
RE6/SEG26 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD
3.7.1.8
RE7/SEG27(2)
Figure 3-28 shows the diagram for this pin. The
RE7/SEG27 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD
Note 1: Pin is available on the PIC16F914/917 and
PIC16F946 only.
2: Pin is available on the PIC16F946 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com