Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F913-E/P Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16F913-E/P
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/P Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16F913-E/P Datasheet HTML 82Page - Microchip Technology PIC16F913-E/P Datasheet HTML 83Page - Microchip Technology PIC16F913-E/P Datasheet HTML 84Page - Microchip Technology PIC16F913-E/P Datasheet HTML 85Page - Microchip Technology PIC16F913-E/P Datasheet HTML 86Page - Microchip Technology PIC16F913-E/P Datasheet HTML 87Page - Microchip Technology PIC16F913-E/P Datasheet HTML 88Page - Microchip Technology PIC16F913-E/P Datasheet HTML 89Page - Microchip Technology PIC16F913-E/P Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 84
© 2007 Microchip Technology Inc.
3.9
PORTG and TRISG Registers
PORTG is an 8-bit port with Schmitt Trigger input
buffers. RG<5:0> are individually configured as inputs
or outputs, depending on the state of the port direction.
The port bits are also multiplexed with LCD segment
functions. PORTG is available on the PIC16F946 only.
EXAMPLE 3-7:
INITIALIZING PORTG
BANKSEL PORTG
;
CLRF
PORTG
;Init PORTG
BANKSEL TRISG
;
MOVLW
3Fh
;Set RG<5:0> as inputs
MOVWF
TRISG
;
REGISTER 3-16:
PORTG: PORTG REGISTER(1)
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
RG5
RG4
RG3
RG2
RG1
RG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
RG<5:0>: PORTG I/O Pin bits
1
= Port pin is >VIH min.
0
= Port pin is <VIL max.
Note 1:
PIC16F946 only.
REGISTER 3-17:
TRISG: PORTG TRI-STATE REGISTER(1)
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
TRISG5
TRISG4
TRISG3
TRISG2
TRISG1
TRISG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
TRISF<5:0>: PORTG Tri-State Control bits
1
= PORTG pin configured as an input (tri-stated)
0
= PORTG pin configured as an output
Note 1:
PIC16F946 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com