Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F609-E/MD Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC12F609-E/MD
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MD Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC12F609-E/MD Datasheet HTML 5Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 6Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 7Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 8Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 9Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 10Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 11Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 12Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 7
PIC12F609/615/12HV609/615
TABLE 1-1:
PIC12F609/HV609 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
GP0/CIN+/ICSPDAT
GP0
TTL
CMOS
General purpose I/O with prog. pull-up and interrupt-on-change
CIN+
AN
—
Comparator non-inverting input
ICSPDAT
ST
CMOS
Serial Programming Data I/O
GP1/CIN0-/ICSPCLK
GP1
TTL
CMOS
General purpose I/O with prog. pull-up and interrupt-on-change
CIN0-
AN
—
Comparator inverting input
ICSPCLK
ST
—
Serial Programming Clock
GP2/T0CKI/INT/COUT
GP2
ST
CMOS
General purpose I/O with prog. pull-up and interrupt-on-change
T0CKI
ST
—
Timer0 clock input
INT
ST
—
External Interrupt
COUT
—
CMOS
Comparator output
GP3/MCLR/VPP
GP3
TTL
—
General purpose input with interrupt-on-change
MCLR
ST
—
Master Clear w/internal pull-up
VPP
HV
—
Programming voltage
GP4/CIN1-/T1G/OSC2/
CLKOUT
GP4
TTL
CMOS
General purpose I/O with prog. pull-up and interrupt-on-change
CIN1-
AN
—
Comparator inverting input
T1G
ST
—
Timer1 gate (count enable)
OSC2
—
XTAL
Crystal/Resonator
CLKOUT
—
CMOS
FOSC/4 output
GP5/T1CKI/OSC1/CLKIN
GP5
TTL
CMOS
General purpose I/O with prog. pull-up and interrupt-on-change
T1CKI
ST
—
Timer1 clock input
OSC1
XTAL
—
Crystal/Resonator
CLKIN
ST
—
External clock input/RC oscillator connection
VDD
VDD
Power
—
Positive supply
VSS
VSS
Power
—
Ground reference
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
HV
= High Voltage
ST = Schmitt Trigger input with CMOS levels TTL
= TTL compatible input
XTAL = Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com