Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F609-E/MD Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC12F609-E/MD
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/MD Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC12F609-E/MD Datasheet HTML 9Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 10Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 11Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 12Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 13Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 14Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 15Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 16Page - Microchip Technology PIC12F609-E/MD Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 11
PIC12F609/615/12HV609/615
TABLE 2-1:
PIC12F609/HV609 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
22, 100
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
41, 100
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
22, 100
03h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
ZDC
C
0001 1xxx
15, 100
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
22, 100
05h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--x0 x000
31, 100
06h
—
Unimplemented
—
—
07h
—
Unimplemented
—
—
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
22, 100
0Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
17, 100
0Ch
PIR1
—
—
—
—CMIF
—
—TMR1IF
---- 0--0
19, 100
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
45, 100
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
45, 100
10h
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
49, 100
11h
—
Unimplemented
—
—
12h
—
Unimplemented
—
—
13h
—
Unimplemented
—
—
14h
—
Unimplemented
—
—
15h
—
Unimplemented
—
—
16h
—
Unimplemented
—
—
17h
—
Unimplemented
—
—
18h
—
Unimplemented
—
—
19h
VRCON
CMVREN
—
VRR
FVREN
VR3
VR2
VR1
VR0
0-00 0000
62, 101
1Ah
CMCON0
CMON
COUT
CMOE
CMPOL
—CMR
—CMCH
0000 -0-0
58, 101
1Bh
—
—
—
—
—
1Ch
CMCON1
—
—
—
T1ACS
CMHYS
—
T1GSS
CMSYNC
---0 0-10
59, 101
1Dh
—
Unimplemented
—
—
1Eh
—
Unimplemented
—
—
1Fh
—
Unimplemented
—
—
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com