Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-I/LSQTP Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 18Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 19Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 20Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 21Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 22Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 23Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 24Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 25Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 402 page
background image
PIC18FXX8
DS41159E-page 20
© 2006 Microchip Technology Inc.
2.6
Oscillator Switching Feature
The PIC18FXX8 devices include a feature that allows
the system clock source to be switched from the main
oscillator to an alternate low-frequency clock source.
For the PIC18FXX8 devices, this alternate clock source
is the Timer1 oscillator. If a low-frequency crystal
(32 kHz, for example) has been attached to the Timer1
oscillator pins and the Timer1 oscillator has been
enabled, the device can switch to a Low-Power Execu-
tion mode. Figure 2-6 shows a block diagram of the
system clock sources. The clock switching feature is
enabled by programming the Oscillator Switching
Enable
(OSCSEN)
bit
in
Configuration
register,
CONFIG1H, to a ‘0’. Clock switching is disabled in an
erased device. See Section 12.2 “Timer1 Oscillator”
for further details of the Timer1 oscillator and
Section 24.1 “Configuration Bits” for Configuration
register details.
2.6.1
SYSTEM CLOCK SWITCH BIT
The system clock source switching is performed under
software control. The system clock switch bit, SCS
(OSCCON register), controls the clock switching. When
the SCS bit is ‘0’, the system clock source comes from
the main oscillator selected by the FOSC2:FOSC0
configuration bits. When the SCS bit is set, the system
clock source comes from the Timer1 oscillator. The SCS
bit is cleared on all forms of Reset.
FIGURE 2-6:
DEVICE CLOCK SOURCES
REGISTER 2-1:
OSCCON: OSCILLATOR CONTROL REGISTER
Note:
The Timer1 oscillator must be enabled to
switch the system clock source. The
Timer1 oscillator is enabled by setting the
T1OSCEN bit in the Timer1 Control regis-
ter (T1CON). If the Timer1 oscillator is not
enabled, any write to the SCS bit will be
ignored (SCS bit forced cleared) and the
main oscillator continues to be the system
clock source.
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
—
—
—
—
—
—
—SCS
bit 7
bit 0
bit 7-1
Unimplemented: Read as ‘0’
bit 0
SCS: System Clock Switch bit
When OSCSEN configuration bit = 0 and T1OSCEN bit is set:
1
= Switch to Timer1 oscillator/clock pin
0
= Use primary oscillator/clock input pin
When OSCSEN is clear or T1OSCEN is clear:
Bit is forced clear.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
PIC18FXX8
TOSC
4 x PLL
TT1P
TSCLK
Clock
Source
TOSC/4
Timer 1 Oscillator
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
Clock Source Option
for Other Modules
OSC1
OSC2
Sleep
Main Oscillator
Note:
I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com