Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-I/LSQTP Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 8Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 9Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 10Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 11Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 12Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 13Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 14Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 15Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 402 page
background image
PIC18FXX8
DS41159E-page 10
© 2006 Microchip Technology Inc.
TABLE 1-2:
PIC18FXX8 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F248/258
PIC18F448/458
SPDIP, SOIC
PDIP
TQFP
PLCC
MCLR/VPP
MCLR
VPP
11
18
2
I
P
ST
—
Master Clear (input) or
programming voltage (output).
Master Clear (Reset) input.
This pin is an active low Reset
to the device.
Programming voltage input.
NC
—
—
12, 13,
33, 34
1, 17,
28, 40
—
—
These pins should be left
unconnected.
OSC1/CLKI
OSC1
CLKI
9
133014
I
I
CMOS/ST
CMOS
Oscillator crystal or external clock
input.
Oscillator crystal input or
external clock source input. ST
buffer when configured in RC
mode; otherwise, CMOS.
External clock source input.
Always associated with pin
function OSC1 (see OSC1/
CLKI, OSC2/CLKO pins).
OSC2/CLKO/RA6
OSC2
CLKO
RA6
10
14
31
15
O
O
I/O
—
—
TTL
Oscillator crystal or clock output.
Oscillator crystal output.
Connects to crystal or
resonator in Crystal Oscillator
mode.
In RC mode, OSC2 pin outputs
CLKO, which has 1/4 the
frequency of OSC1 and
denotes the instruction cycle
rate.
General purpose I/O pin.
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com