Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-I/LSQTP Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 97Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 98Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 99Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 100Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 101Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 102Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 103Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 104Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 99
PIC18FXX8
TABLE 9-3:
PORTB FUNCTIONS
TABLE 9-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit#
Buffer
Function
RB0/INT0
bit 0
TTL/ST(1) Input/output pin or external interrupt 0 input.
Internal software programmable weak pull-up.
RB1/INT1
bit 1
TTL/ST(1) Input/output pin or external interrupt 1 input.
Internal software programmable weak pull-up.
RB2/CANTX/
INT2
bit 2
TTL/ST(1) Input/output pin, CAN bus transmit pin or external interrupt 2 input.
Internal software programmable weak pull-up.
RB3/CANRX
bit 3
TTL
Input/output pin or CAN bus receive pin.
Internal software programmable weak pull-up.
RB4
bit 4
TTL
Input/output pin (with interrupt-on-change).
Internal software programmable weak pull-up.
RB5/PGM
bit 5
TTL
Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up. Low-voltage serial programming enable.
RB6/PGC
bit 6
TTL/ST(2) Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up. Serial programming clock.
RB7/PGD
bit 7
TTL/ST(2) Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up. Serial programming data.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
LATB
LATB Data Output Register
xxxx xxxx
uuuu uuuu
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
INTCON2
RBPU
INTEDG0 INTEDG1
—
—
TMR0IP
—RBIP
111- -1-1
111- -1-1
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
11-1 0-00
Legend:
x
= unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com