Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-I/LSQTP Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 124Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 125Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 126Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 127Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 128Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 129Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 130Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 131Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 402 page
background image
PIC18FXX8
DS41159E-page 126
© 2006 Microchip Technology Inc.
15.3
Compare Mode
In Compare mode, the 16-bit CCPR1 and ECCPR1
register value is constantly compared against either the
TMR1 register pair value or the TMR3 register pair
value. When a match occurs, the CCP1 pin can have
one of the following actions:
• Driven high
•Driven low
• Toggle output (high-to-low or low-to-high)
• Remains unchanged
The action on the pin is based on the value of control
bits CCP1M3:CCP1M0. At the same time, interrupt flag
bit CCP1IF is set.
15.3.1
CCP1 PIN CONFIGURATION
The user must configure the CCP1 pin as an output by
clearing the appropriate TRISC bit.
15.3.2
TIMER1/TIMER3 MODE SELECTION
Timer1 and/or Timer3 must be running in Timer mode,
or Synchronized Counter mode, if the CCP module is
using the compare feature. In Asynchronous Counter
mode, the compare operation may not work.
15.3.3
SOFTWARE INTERRUPT MODE
When generate software interrupt is chosen, the CCP1
pin is not affected. Only a CCP interrupt is generated (if
enabled).
15.3.4
SPECIAL EVENT TRIGGER
In this mode, an internal hardware trigger is generated,
which may be used to initiate an action.
The special event trigger output of CCP1 resets either
the TMR1 or TMR3 register pair. Additionally, the
ECCP1 special event trigger will start an A/D
conversion if the A/D module is enabled.
FIGURE 15-2:
COMPARE MODE OPERATION BLOCK DIAGRAM
Note:
Clearing the CCP1CON register will force
the CCP1 compare output latch to the
default low level. This is not the data latch.
Note:
The special event trigger from the ECCP1
module will not set the Timer1 or Timer3
interrupt flag bits.
Special Event Trigger will:
Reset Timer1 or Timer3 (but not set Timer1 or Timer3 Interrupt Flag bit)
Set bit GO/DONE which starts an A/D conversion (ECCP1 only)
Note
1:
I/O pins have diode protection to VDD and VSS.
TMR1H
TMR1L
TMR3H
TMR3L
CCPR1H
CCPR1L
Comparator
T3ECCP1
T3CCP1
QS
R
Output
Logic
Special Event Trigger
Match
CCP1
CCP1CON<3:0>
Mode Select
Output Enable
01
Set Flag bit CCP1IF
(PIR1<2>)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com