Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT245R Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT245R
Description  USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245R Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT245R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
FT245R USB UART I.C. Datasheet Version 1.05
© Future Technology Devices International Ltd. 2005
Page 19
7. Device Configurations
Please note that pin numbers on the FT245R chip in this section have deliberately been left out as they vary between
the FT245RL and FT245RQ versions of the device. All of these configurations apply to both package options for the
FT245R device. Please refer to Section 4 for the package option pin-out and signal descriptions.
7.1 Bus Powered Configuration
Figure 13 - Bus Powered Configuration
Figure 13 illustrates the FT245R in a typical USB bus powered design configuration. A USB Bus Powered device gets
its power from the USB bus. Basic rules for USB Bus power devices are as follows –
i) On plug-in to USB, the device must draw no more than 100mA.
ii) On USB Suspend the device must draw no more than 500μA.
iii) A Bus Powered High Power USB Device (one that draws more than 100mA) should use the PWREN# pin to keep
the current below 100mA on plug-in and 500μA on USB suspend.
iv) A device that consumes more than 100mA can not be plugged into a USB Bus Powered Hub
v) No device can draw more that 500mA from the USB Bus.
The power descriptor in the internal EEPROM should be programmed to match the current draw of the device.
A Ferrite Bead is connected in series with USB power to prevent noise from the device and associated circuitry (EMI)
being radiated down the USB cable to the Host. The value of the Ferrite Bead depends on the total current required by
the circuit – a suitable range of Ferrite Beads is available from Steward (www.steward.com) for example Steward Part
# MI0805K400R-00.
FT245R
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
100nF
3V3OUT
VCCIO
NC
RESET#
NC
+
100nF
10nF
Vcc
D0
D1
D2
D3
D4
D5
D6
D7
RXF#
WR#
RD#
TXE#
USBDP
USBDM
VCC
1
2
3
4
5
OSCI
OSCO
PWREN#
Ferrite
Bead
+
4.7uF
SHIELD
GND
GND
GND
GND
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com