Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT245R Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT245R
Description  USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245R Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT245R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 25Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
FT245R USB UART I.C. Datasheet Version 1.05
© Future Technology Devices International Ltd. 2005
Page 21
7.3 USB Bus Powered with Power Switching Configuration
Figure 15 - Bus Powered with Power Switching Configuration
USB Bus powered circuits need to be able to power down in USB suspend mode in order to meet the <= 500μA
total USB suspend current requirement (including external logic). Some external logic can power itself down into a
low current state by monitoring the PWREN# signal. For external logic that cannot power itself down in this way, the
FT245R provides a simple but effective way of turning off power to external circuitry during USB suspend.
Figure 15 shows how to use a discrete P-Channel Logic Level MOSFET to control the power to external logic circuits.
A suitable device would be an International Rectifier (www.irf.com) IRLML6402, or equivalent. It is recommended that
a “soft start” circuit consisting of a 1kΩ series resistor and a 0.1μF capacitor are used to limit the current surge when
the MOSFET turns on. Without the soft start circuit there is a danger that the transient power surge of the MOSFET
turning on will reset the FT245R, or the USB host / hub controller. The values used here allow attached circuitry to
power up with a slew rate of ~12.5V per millisecond, in other words the output voltage will transition from GND to 5V in
approximately 400 microseconds.
Alternatively, a dedicated power switch I.C. with inbuilt “soft-start” can be used instead of a MOSFET. A suitable power
switch I.C. for such an application would be a Micrel (www.micrel.com) MIC2025-2BM or equivalent.
Please note the following points in connection with power controlled designs –
i) The logic to be controlled must have its own reset circuitry so that it will automatically reset itself when power is re-
applied on coming out of suspend.
ii) Set the Pull-down on Suspend option in the internal EEPROM.
iii) The PWREN# pin should be used to switch the power to the external circuitry.
iv) For USB high-power bus powered device (one that consumes greater than 100mA, and up to 500mA of current
from the USB bus), the power consumption of the device should be set in the max power field in the internal
EEPROM. A high-power bus powered device must use this descriptor in the internal EEPROM to inform the
system of its power requirements.
v) For 3.3V power controlled circuits the VCCIO pin must not be powered down with the external circuitry (the
PWREN# signal gets its VCC supply from VCCIO). Either connect the power switch between the output of the
3.3V regulator and the external 3.3V logic or power VCCIO from the 3V3OUT pin of the FT245R.
FT245R
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
100nF
3V3OUT
VCCIO
NC
RESET#
NC
+
100nF
10nF
5V VCC
D0
D1
D2
D3
D4
D5
D6
D7
TXE#
WR#
RD#
RXF#
USBDP
USBDM
VCC
1
2
3
4
5
OSCI
OSCO
PWREN#
Ferrite
Bead
+
4.7uF
SHIELD
GND
GND
GND
GND
0.1uF
0.1uF
1k
Soft Start
Circuit
d
g
s
Switched 5V Power
to External Logic
5V VCC
P-Channel Power
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com