Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZT207ECT Datasheet(PDF) 3 Page - Zywyn Corporation

Part # ZT207ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT207ECT Datasheet(HTML) 3 Page - Zywyn Corporation

  ZT207ECT Datasheet HTML 1Page - Zywyn Corporation ZT207ECT Datasheet HTML 2Page - Zywyn Corporation ZT207ECT Datasheet HTML 3Page - Zywyn Corporation ZT207ECT Datasheet HTML 4Page - Zywyn Corporation ZT207ECT Datasheet HTML 5Page - Zywyn Corporation ZT207ECT Datasheet HTML 6Page - Zywyn Corporation ZT207ECT Datasheet HTML 7Page - Zywyn Corporation ZT207ECT Datasheet HTML 8Page - Zywyn Corporation ZT207ECT Datasheet HTML 9Page - Zywyn Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
3
August 2004
rev. 02
Electrical Characteristics
Unless otherwise stated, V
CC = +5.0V, TA = Tmin to Tmax, C1 to C4 = 0.1µF, typical values apply at VCC = +5.0V and TA = 25°C.
Parameter
Condition
Min
Typ
Max
Units
TTL Logic Input
T
1IN, T2IN, T3IN, T4IN, T5IN, EN, SD
TTL Logic Output
R
1OUT, R2OUT, R3OUT, R4OUT, R5OUT
RS-232 Input
R
1IN, R2IN, R3IN, R4IN, R5IN
see specifications below
RS-232 Output
T
1OUT, T2OUT, T3OUT, T4OUT, T5OUT
Charge Pump Pin
C
1P, C1N, C2P, C2N
Power Pin
V
CC, VGND, VDD, VSS
Charge Pump Caps
C
1P, C1N, C2P, C2N
0.1
0.1
1.0
µF
Temp 0°C to +70°C
Commercial Grade
0
+25
+70
°C
Temp –40°C to +85°C
Industrial Grade
–40
+25
+85
°C
V
CC Voltage Range
V
CC = +5.0V Supply
4.5
5
5.5
V
Supply Current
TTL Inputs = V
CC/GND, RS-232 Input = float, TA = 25°C
Quiescent
V
CC = +5.0V ±10%, No load on transmitter outputs
3
6
mA
Supply Current
TTL Inputs = V
CC/GND, RS-232 Inputs = float, TA = 25°C
Transmitters Loaded
V
CC = +5.0V, All transmitter outputs loaded with RL = 3kΩ
15
mA
Supply Current,
SHUTDOWN Enabled
SD = GND, TTL Inputs = V
CC/GND, TA = 25°C
RS-232 Inputs = float, V
CC = +5.0V
1
10
µA
TTL LOGIC Input
Input Threshold Low
0.8
V
Input Threshold High
V
CC = +5.0V Supply
2.4
V
Input Hysteresis
0.5
V
Input Leakage Current
V
IN = VCC and GND, TxIN, EN, SD
±0.01
±1
µA
Input Leakage Current
V
IN = VCC and GND, TxIN
50
200
µA
TTL LOGIC Output
Output Voltage Low
I
OUT = 1.6mA
0.4
V
Output Voltage High
I
OUT = –1.0mA
V
CC–0.6 VCC–0.1
V
Output Leakage Current
Receiver Outputs Disabled, V
OUT = VCC or GND,
SD = GND, EN = V
CC
±0.05
±10
µA
Receiver Input
Input Voltage Range
T
A = Tmin – Tmax
–25
25
V
Input Threshold Low
T
A = 25°C, VCC = 5.0V
0.8
1.5
V
Input Threshold High
V
CC = +5.0V Supply
2.4
V
Input Hysteresis
T
A = 25°C
0.5
V
Input Resistance
V
IN = ±25V, TA = 25°C
3
7
k
Ω
Transmitter Output
Output Voltage Swing
R
L = 3kΩ, All Outputs are loaded
±5
V
Output Resistance
V
CC = VDD = VSS = GND, VOUT = ±2V
300
Ω
OutputShort-CircuitCurrent
V
OUT = GND
±60
mA
Output Leakage Current
Transmitter Disabled, V
OUT = ±12V
±5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com