Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZT207ECT Datasheet(PDF) 5 Page - Zywyn Corporation

Part # ZT207ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT207ECT Datasheet(HTML) 5 Page - Zywyn Corporation

  ZT207ECT Datasheet HTML 1Page - Zywyn Corporation ZT207ECT Datasheet HTML 2Page - Zywyn Corporation ZT207ECT Datasheet HTML 3Page - Zywyn Corporation ZT207ECT Datasheet HTML 4Page - Zywyn Corporation ZT207ECT Datasheet HTML 5Page - Zywyn Corporation ZT207ECT Datasheet HTML 6Page - Zywyn Corporation ZT207ECT Datasheet HTML 7Page - Zywyn Corporation ZT207ECT Datasheet HTML 8Page - Zywyn Corporation ZT207ECT Datasheet HTML 9Page - Zywyn Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
5
August 2004
rev. 02
Circuit Description
Proprietary Switch-Capacitor Regulated Voltage
Converter
Different from other suppliers, Zywyn uses a patent pending
switch-capacitor voltage-controlled source and sink current
generators design to provide powerful bipolar voltages to
maintain compliant EIA/RS232 levels regardless of power
supply fluctuations. The design consists of an internal
regulated oscillator, a two phase clock cycling, regulated
complementary MOS switches, fast switching diode and
switch capacitors.
The switch capacitor bi-directional current generators oper-
ate with Zywyn’s proprietary smartly regulated complemen-
tary MOS switches and fast switching diode from its
proprietary high voltage process technology. The efficiency
of these bi-directional current generators is well over 70%.
The switching frequency is generated by an internal oscilla-
tor and regulated by the current loads. The switch capacitor
pump design delivers higher negative bucked voltage than
the positive boosted voltage to achieve a balanced voltage
controlled source and sink current generators resulting a
balanced bipolar voltage supplies to the chip.
With its unique proprietary design technique, Zywyn’s
interface product series provide a better power efficient,
stable and compliant EIA/RS232 levels with superior low
power consumption.
Controlled Enable and Power-Down
The ZT211E and ZT213E both feature an enable input, which
allows the receiver outputs to be either tri–stated or en-
abled. This can be especially useful when the receiver is tied
directly to a microprocessor data bus. For the ZT211E,
enable is active low, in which a logic LOW applied to the EN
pin will enable the receiver outputs. For the ZT213E, enable
is active high in which a logic HIGH applied to the EN pin will
enable the receiver outputs.
ZT211E and ZT213E have a low-power shutdown mode
controlled by the SD pin. During shutdown the driver output
and the switch-capacitor regulated voltage converter are
disabled with the supply current falls to less than 1µA.
ZT213E includes a wakeup function (see Table 1) that
enables two receivers during a shutdown state. With only
the receivers active during the shutdown state, the devices
draw 5-10µA of supply current. A typical application is when
a RS232 cable is connected or when the peripheral is
enabled such as a modem, the devices will automatically
become active again. The ring indicator signal from the
modem could be passed through an active receiver in the
ZT213E that is itself in the shutdown mode. The ring
indicator signal would propagate through the ZT213E to the
power management circuitry of the computer to power up
the microprocessor and the ZT213E drivers. After the supply
voltage to the ZT213E reaches +5.0V, the SD pin can be
disabled, taking the ZT213E out of the shutdown mode. All
receivers that are active during shutdown maintain 500mV
(typ.) of hysteresis.
ESD Immunity
Electro-Static Discharge (ESD) is an important factor when
implementing a serial port into a system. In some applica-
tions, it is crucial that the ESD protection for the system
must meet a certain tolerance level. Since RS232 trans-
ceiver devices are exposed to the outside world, there are
many environmental factors that can effect the serial port
and even subject it to transients that could potentially
damage the transceiver itself.
The RS232 transceiver is usually routed from the serial port
connector to the transceiver IC through the metal trace on
the printed circuit board. This trace will have some small
amount of resistance that will add some protection in terms
of limiting transient current to the IC. However for added
voltage protection, transient voltage suppressors (TVS) or
transzorbs, which are back-to-back diode arrays clamp, are
usually necessary to protect the serial port circuity.
To further reduce cost within their system, more engineers
are requiring higher ESD tolerances from the transceiver ICs
themselves without having to add costly TVS circuitry.
Zywyn's RS232 transceivers includes built-in transient volt-
age suppression where external ESD circuitry is not neces-
sary to meet the MIL-STD-883, Method 3015, Human Body
Model and the EN61000-4-2 Air/Contact Discharge tests.
The Human Body Model has been the generally accepted
ESD testing method for semiconductors. This test is in-
tended to simulate the human body’s potential to store
electrostatic energy and discharge it to an integrated circuit
upon close proximity or contact. This method will test the
IC’s capability to withstand an ESD transient during normal
handling such as in manufacturing areas where the ICs tend
to be handled frequently.
EN61000-4-2 is used for testing ESD on equipment and
systems. For system manufacturers, they must guarantee
a certain amount of ESD protection since the system itself
is exposed to the outside environment and human pres-
ence. EN61000-4-2 specifies that the system is required to
withstand an amount of static electricity when ESD is
applied to exposed metal points and surfaces of the equip-
ment that are accessible to personnel during normal usage.
The transceiver IC receives most of the ESD current when
the ESD source is applied to the connector pins.
There are two methods within EN61000-4-2, the Air Dis-
charge method and the Contact Discharge method. With
the Air Discharge Method, an ESD voltage is applied to the
equipment under test through air, which simulates an
electrically charged person ready to connect a cable onto
the rear of the system and the high energy potential on the
person discharges through an arcing path to the rear panel
of the system before he or she even touches the system.
The Contact Discharge Method applies the ESD current
directly to the EUT. This method was devised to reduce the
unpredictability of the ESD arc. The discharge current rise
time is constant since the energy is directly transferred
without the air-gap arc inconsistencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com