Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA830 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
6.9 Typical Characteristics: Over Supply Range (continued)
at PD = VS+ and TA = 25°C (unless otherwise noted)
CLOAD (pF)
0
20
40
60
80
100
120
140
160
180
200
220
1
10
100
1k
10k
D049
AV = 6 V/V
AV = 10 V/V
AV = 20 V/V
See Figure 7-6 and Table 8-1
small signal, targeting 30° phase margin
Figure 6-49. Output Resistor vs CLOAD
Frequency (Hz)
-6
-3
0
3
6
9
12
15
18
21
24
27
30
33
10k
100k
1M
10M
100M
D050
AV = 6, CLOAD = 100 pF
AV = 10, CLOAD = 100 pF
AV = 20, CLOAD = 100 pF
AV = 6, CLOAD = 1 nF
AV = 10, CLOAD = 1 nF
AV = 20, CLOAD = 1 nF
See Figure 7-6 and Table 8-1
2-kΩ parallel load to C LOAD
Figure 6-50. Small-Signal Response Shapes vs CLOAD With
Recommended ROUT
Time (Ps)
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D051
PD Voltage (5 V)
Output Voltage (5 V)
PD Voltage (3 V)
Output Voltage (3 V)
Figure 6-51. Turn-On Time to Sinusoidal Input
Time (Ps)
1.8
1.84 1.88 1.92 1.96
2
2.04 2.08 2.12 2.16
2.2
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D052
PD Voltage (5 V)
Output Voltage (5 V)
PD Voltage (3 V)
Output Voltage (3 V)
Figure 6-52. Turn-Off Time to Sinusoidal Input
Time from turn on (Ps)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
-0.005
0.5
-0.004
1
-0.003
1.5
-0.002
2
-0.001
2.5
0
3
0.001
3.5
0.002
4
0.003
4.5
0.004
5
0.005
5.5
0.006
6
0.007
5 V Disable V
5 V VOUT
5 V %Err
3 V Disable V
3 V VOUT
3 V %Err
Single-supply, DC input to produce midscale output
(simulation)
Figure 6-53. Gain of 6-V/V Turn-On Time to Final DC Value at
Midscale
Time from turn on (Ps)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
-0.005
0.5
-0.004
1
-0.003
1.5
-0.002
2
-0.001
2.5
0
3
0.001
3.5
0.002
4
0.003
4.5
0.004
5
0.005
5.5
0.006
6
0.007
5 V Disable V
5 V VOUT
5 V %Err
3 V Disable V
3 V VOUT
3 V %Err
Single-supply, DC input to produce midscale output
(simulation)
Figure 6-54. Gain of 10-V/V Turn-On Time to Final DC Value at
Midscale
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com