Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA830 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
7.3.3 Power-Down Operation
The OPA838 includes a power-down feature. Under logic control, the amplifier can switch from normal operation
to a standby current of less than 1 µA. When the PD pin is connected high (greater than or equal to 1.5 V
over the negative supply), the amplifier is active. Connecting the PD pin low (less than or equal to 0.55 V over
the negative supply) disables the amplifier. To protect the input stage of the amplifier, the device uses internal,
back-to-back diodes (two in series each way) between the inverting and noninverting input pins. If the differential
voltage in shutdown exceeds 1.2 V, those diodes turn on.
Actively drive the PD pin high or low; do not float this pin. If the power-down mode is not used, tie the PD pin to
the positive supply rail.
When the op amp is powered from a single-supply and ground, with PD driven from logic devices with similar
VDD voltages to the op amp, no special considerations are required. When the op amp is powered from a split-
supply with VS– less than ground, an open-collector type of interface with a pullup resistor is more appropriate.
Pullup resistor values must be less than 100 kΩ. Recovery from power down is illustrated in Figure 6-53 and
Figure 6-54 for several gains. In single-supply mode, with the gain resistor at ground, the output approaches the
positive supply on initial power-up until the internal nodes charge, and then recover to the target output voltage;
see Figure 6-51 and Figure 6-52.
7.3.4 Trade-Offs in Selecting The Feedback Resistor Value
The OPA838 is specified using a 1-kΩ feedback resistor with a 200-Ω gain resistor to ground in a noninverting
gain of 6 V/V configuration. These values give a good compromise, keeping the noise contribution of the
resistors well below that of the amplifier noise terms and minimal power in the feedback network as the output
voltage swing creates load current back into the feedback network. Decreasing these values improves the noise
at the cost of more power dissipated in the feedback network. Low values increase the harmonic distortion as
the feedback load decreases. Increasing the RF value at a particular gain increases the output noise contribution
of those resistors possibly becoming dominant. As the feedback resistor values continue to increase (and the
RG at a fixed target gain), there is a loss of phase margin as the impedance that drives the inverting input
capacitance brings in an added loop pole at lower frequencies. Figure 7-3 shows this at a gain of 6 V/V with
increasing RF values. This noninverting test shows more peaking as the RF values increase due to the 1-pF
common-mode input capacitance at the inverting input. The TINA simulation model gives excellent prediction of
these effects.
Frequency (Hz)
9
12
15
18
21
24
27
10k
100k
1M
10M
100M
D063
RF = 1 k
RF = 2 k
RF = 5 k
RF = 10 k
RF = 20 k
Figure 7-3. Frequency Response With Various Feedback Resistor Values
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com