Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022ARM-EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8022ARM-EBZ
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022ARM-EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8022ARM-EBZ Datasheet HTML 7Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 8Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 9Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 10Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 11Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 12Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 13Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 14Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8022
Rev. C | Page 11 of 16
FREQUENCY (Hz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10k
100M
10M
1M
100k
+PSRR
–PSRR
Figure 34. Power Supply Rejection vs. Frequency VS = ±2.5 V
FREQUENCY (Hz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10k
100M
10M
1M
100k
SIDE A OUT
SIDE B OUT
Figure 35. Output-to-Output Crosstalk vs. Frequency, VS = ±12 V
FREQUENCY (Hz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
100M
10M
1M
SIDE A OUT
SIDE B OUT
Figure 36. Output-to-Output Crosstalk vs. Frequency, VS = ±2.5 V
FREQUENCY (Hz)
100
0.0316
0.1
0.316
1
3.16
10
31
30k
500M
100M
10M
1M
100k
Figure 37. Output Impedance vs. Frequency, VS = ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com