Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022ARM-EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8022ARM-EBZ
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022ARM-EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8022ARM-EBZ Datasheet HTML 8Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 9Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 10Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 11Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 12Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 13Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 14Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 15Page - Analog Devices AD8022ARM-EBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
AD8022
Rev. C | Page 15 of 16
+VIN
–VIN
+VOUT
–VOUT
191
Ω
1%
191
Ω
1%
243
Ω
1%
243
Ω
1%
249
Ω
1%
422
Ω
1%
249
Ω
1%
COMMON-
MODE
VOLTAGE
SIGNAL CM LEVEL
8200pF
10%
8200pF
10%
6800pF
5% NPO
6800pF
5% NPO
0.1
μF
50V
5%
NPO
0.1
μF
16V
10%
X7R
AD8022
12V
3
2
8
1
AD8022
6
5
4
7
Figure 41. Differential Input Sallen-Key Filter
Using AD8022 on Single Supply, +12 V
FREQUENCY (Hz)
7.5
–42.5
–37.5
–32.5
–27.5
–22.5
–17.5
–12.5
–7.5
–2.5
2.5
10k
10M
1M
100k
Figure 42. Frequency Response of Sallen-Key Filter
LAYOUT CONSIDERATIONS
As is the case with all high speed amplifiers, careful attention to
printed circuit board layout details prevent associated board
parasitics from becoming problematic. Proper RF design
technique is mandatory. The PCB should have a ground plane
covering all unused portions of the component side of the
board to provide a low impedance return path. Removing the
ground plane from the area near the input signal lines reduces
stray capacitance. Chip capacitors should be used for supply
bypassing. One end of the capacitor should be connected to the
ground plane, and the other should be connected no more than
1/8 inch away from each supply pin. An additional large
(0.47 μF to 10 μF) tantalum capacitor should be connected in
parallel, although not necessarily as close, in order to supply
current for fast, large signal changes at the AD8022 output.
Signal lines connecting the feedback and gain resistors should
be as short as possible, minimizing the inductance and stray
capacitance associated with these traces. Locate termination
resistors and loads as close as possible to the input(s) and
output, respectively. Adhere to stripline design techniques for
long signal traces (greater than about 1 inch). Following these
generic guidelines improves the performance of the AD8022 in
all applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com