Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285GS Datasheet(PDF) 13 Page - Analog Devices

Part # OP285GS
Description  Dual 9 MHz Precision Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285GS Datasheet(HTML) 13 Page - Analog Devices

Back Button OP285GS Datasheet HTML 7Page - Analog Devices OP285GS Datasheet HTML 8Page - Analog Devices OP285GS Datasheet HTML 9Page - Analog Devices OP285GS Datasheet HTML 10Page - Analog Devices OP285GS Datasheet HTML 11Page - Analog Devices OP285GS Datasheet HTML 12Page - Analog Devices OP285GS Datasheet HTML 13Page - Analog Devices OP285GS Datasheet HTML 14Page - Analog Devices OP285GS Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
REV. C
OP285
–13–
EM
R4
C2
56
Q1
Q2
3
7
8
9
R3
36
D2
D1
CIN
2
1
–IN
+IN
IOS
R5
R6
4
I1
EP
97
EN
EOS
35
10
11
VN1
VN2
DN1
DN2
12
13
14
VN3
VN4
DN3
DN4
CN1
15
16
17
VN5
VN6
DN5
DN6
CN2
Figure 19a. Spice Diagram
G1
R7
21
C3
V3
97
51
D4
20
G2
R8
C4
R9
23
G3
R10
C5
24
G4
R11
C6
V2
D3
19
26
E2
R13
25
R12
C7
Figure 19b. Spice Diagram
ISY
R15
V5
D8
G3
R16
G8
R17
V4
D7
R18
27
G5
R14
C8
C9
D6
D5
99
28
30
29
F1
31
32
33
D10
G7
G6
D9
50
98
F2
34
OUTPUT
L2
Figure 19c. Spice Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com