Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP285GS
Description  Dual 9 MHz Precision Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285GS Datasheet(HTML) 2 Page - Analog Devices

  OP285GS Datasheet HTML 1Page - Analog Devices OP285GS Datasheet HTML 2Page - Analog Devices OP285GS Datasheet HTML 3Page - Analog Devices OP285GS Datasheet HTML 4Page - Analog Devices OP285GS Datasheet HTML 5Page - Analog Devices OP285GS Datasheet HTML 6Page - Analog Devices OP285GS Datasheet HTML 7Page - Analog Devices OP285GS Datasheet HTML 8Page - Analog Devices OP285GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REV. C
–2–
OP285–SPECIFICATIONS (@ Vs = 15.0 V, TA = 25 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
35
250
µV
VOS
–40
°C ≤ TA ≤ +85°C
600
µV
Input Bias Current
IB
VCM = 0 V
100
350
nA
IB
VCM = 0 V, –40
°C ≤ TA ≤ +85°C
400
nA
Input Offset Current
IOS
VCM = 0 V
2
±50
nA
IOS
VCM = 0 V, –40
°C ≤ T
A
≤ +85°C2
±100
nA
Input Voltage Range
VCM
–10.5
10.5
V
Common-Mode Rejection
CMRR
VCM =
±10.5 V,
–40
°C ≤ T
A
≤ +85°C
80
106
dB
Large-Signal Voltage Gain
AVO
RL = 2 k
Ω
250
V/mV
AVO
RL = 2 k
Ω, –40°C ≤ TA ≤ +85°C
175
V/mV
AVO
RL = 600
Ω
200
V/mV
Common-Mode Input Capacitance
7.5
pF
Differential Input Capacitance
3.7
pF
Long-Term Offset Voltage
∆V
OS
Note 1
300
µV
Offset Voltage Drift
∆VOS/∆T1
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 2 k
Ω
–13.5
+13.9
+13.5
V
VO
RL = 2 k
Ω, –40°C ≤ T
A
≤ +85°C
–13
+13.9
+13
V
RL = 600
Ω, VS = ±18 V
–16/+14
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±4.5 V to ±18 V
85
111
dB
PSRR
VS =
±4.5 V to ±18 V,
–40
°C ≤ TA ≤ +85°C80
dB
Supply Current
ISY
4
5
mA
ISY
VS =
±4.5 V to ±18 V, VO = 0 V,
–40
°C ≤ T
A
≤ +85°C
VS =
±22 V, V
O = 0 V
,
–40
°C ≤ TA ≤ +85°C
5.5
mA
Supply Voltage Range
VS
±4.5
±22
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
Ω
15
22
V/
µs
Gain Bandwidth Product
GBP
9
MHz
Phase Margin
o
62
Degrees
Settling Time
ts
To 0.1%, 10 V Step
625
ns
ts
To 0.01%, 10 V Step
750
ns
Distortion
AV = 1, VOUT = 8.5 V p-p,
f = 1 kHz, RL = 2 k
Ω
–104
dB
Voltage Noise Density
en
f = 30 Hz
7
nV/
√Hz
en
f = 1 kHz
6
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.9
pA/
√Hz
Headroom
THD + Noise
≤ 0.01%,
RL = 2 k
Ω, V
S =
±18 V
>12.9
dBu
NOTE
1Long-term offset voltage is guaranteed by a 1,000 hour life test performed on three independent wafer lots at 125
°C, with an LTPD of 1.3.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com