Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3003CH Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS3003CH
Description  Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS3003CH Datasheet(HTML) 3 Page - ON Semiconductor

  SS3003CH Datasheet HTML 1Page - ON Semiconductor SS3003CH Datasheet HTML 2Page - ON Semiconductor SS3003CH Datasheet HTML 3Page - ON Semiconductor SS3003CH Datasheet HTML 4Page - ON Semiconductor SS3003CH Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS3003CH
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 6. Tc − IO
Figure 7. C − VR
VR, Reverse Voltage (V)
IC, Average Output Current (A)
0
0.5
1.5
1.0
2.0
3.5
3.0
2.5
0
20
40
120
100
80
60
140
(3)
(1)
(2) (4)
q
360°
180°
360°
Rectangular
wave
Sine
wave
*When mounted in reliability
operaion board,
Rth(J−a) = 50°C/ W
(1)Rectangular wave q = 60°
(2)Rectangular wave q = 120°
(3)Rectangular wave q = 180°
(4)Sine wave q = 180°
0.14 2
100
2
3
5
5
7
7
3
35 7 1.0
23
5
2
5
3
7 10
7 0.01
23
7 0.1
0
52
2 3
37 1.0
5
24
16
8
20
12
4
IS
20 ms
t
Current waveform 50 Hz sine wave
t, Time (s)
Figure 8. IFSM − t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com