Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3003CH Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS3003CH
Description  Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS3003CH Datasheet(HTML) 1 Page - ON Semiconductor

  SS3003CH Datasheet HTML 1Page - ON Semiconductor SS3003CH Datasheet HTML 2Page - ON Semiconductor SS3003CH Datasheet HTML 3Page - ON Semiconductor SS3003CH Datasheet HTML 4Page - ON Semiconductor SS3003CH Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2014
September, 2023 − Rev. 3
1
Publication Order Number:
SS3003CH/D
Shottky Barrier Diode,
Low VF, Single CPH6
30 V, 3.0 A
SS3003CH
Features
• Small Switching Noise
• Low Forward Voltage (IF = 3 A, VF Max = 0.42 V)
• Ultra−small Package Permitting Applied Sets to be Small and Slim
• Halogen Free Compliance
• These are Pb−Free Devices
Applications
• High Frequency Rectification (Switching Regulators, Converters,
Choppers)
ABSOLUTE MAXIMUM RATINGS (at TA = 25°C)
Symbol
Parameter
Conditions
Ratings
Unit
VRRM
Repetitive Peak
Reverse Voltage
30
V
VRSM
Nonrepetitive Peak
Reverse Surge
Voltage
30
V
IO
Average Output
Current
3.0
A
IFSM
Surge Forward
Current
50 Hz sine wave,
1 cycle
20
A
Tj
Junction
Temperature
−55 to +125
°C
Tstg
Storage
Temperature
−55 to +125
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (at TA = 25°C)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VR
Reverse Voltage
IR = 2.0 mA
30
−
−
V
VF
Forward Voltage
IF = 2.0 A
−
0.335
0.385
V
IF = 3.0 A
−
0.37
0.42
V
IR
Reverse Current
VR = 15 V
−
−
1.4
mA
C
Interterminal Capacitance
VR = 10 V, f = 1 MHz
−
90
−
pF
trr
Reverse Recovery Time
IF = IR = 100 mA
−
−
20
ns
Rth(j−a)
Thermal Resistance
When mounted on ceramic
substrate (900 mm2 × 0.8 mm)
−
50
−
°C/W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
MARKING DIAGRAM
CPH6
CASE 318BD
ELECTRICAL CONNECTION
2
65
4
13
Device
Package
Shipping†
ORDERING INFORMATION
SS3003CH−TL−E
CPH6
(Pb−Free)
3 000 /
Tape & Reel
SS3003CH−TL−W
CPH6
(Pb−Free,
Halide Free)
3 000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - SS3003CH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
ON Semiconductor
SS3003CH ONSEMI-SS3003CH Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
SS3003CH-TL-E ONSEMI-SS3003CH-TL-E Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
SS3003CH-TL-W ONSEMI-SS3003CH-TL-W Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
More results

Similar Description - SS3003CH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3005EGW-Q NEXPERIA-PMEG3005EGW-Q Datasheet
220Kb / 10P
30 V, 0.5 A low VF Schottky barrier rectifier
13 October 2022
PMEG3010BEP-Q NEXPERIA-PMEG3010BEP-Q Datasheet
254Kb / 12P
30 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020BEP-Q NEXPERIA-PMEG3020BEP-Q Datasheet
254Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3050BEP-Q NEXPERIA-PMEG3050BEP-Q Datasheet
252Kb / 12P
30 V, 5 A low VF Schottky barrier rectifier
20 February 2023
PMEG030V050EPE NEXPERIA-PMEG030V050EPE Datasheet
262Kb / 11P
30 V, 5 A low VF Schottky barrier rectifier
15 July 2022
PMEG3010BEP NEXPERIA-PMEG3010BEP Datasheet
254Kb / 12P
30 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG3010ER NEXPERIA-PMEG3010ER Datasheet
1Mb / 13P
30 V, 1 A low VF Schottky barrier rectifier
1 January 2023
PMEG3020BEP NEXPERIA-PMEG3020BEP Datasheet
257Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020DEP NEXPERIA-PMEG3020DEP Datasheet
253Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020EP NEXPERIA-PMEG3020EP Datasheet
317Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com