Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZA3014HT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TZA3014HT
Description  2.5 Gbits/s postamplifier with level detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3014HT Datasheet(HTML) 4 Page - NXP Semiconductors

  TZA3014HT Datasheet HTML 1Page - NXP Semiconductors TZA3014HT Datasheet HTML 2Page - NXP Semiconductors TZA3014HT Datasheet HTML 3Page - NXP Semiconductors TZA3014HT Datasheet HTML 4Page - NXP Semiconductors TZA3014HT Datasheet HTML 5Page - NXP Semiconductors TZA3014HT Datasheet HTML 6Page - NXP Semiconductors TZA3014HT Datasheet HTML 7Page - NXP Semiconductors TZA3014HT Datasheet HTML 8Page - NXP Semiconductors TZA3014HT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2001 Jun 25
4
Philips Semiconductors
Product specification
2.5 Gbits/s postamplifier with level detector
TZA3014
PINNING
SYMBOL
PIN
PAD
TYPE(1)
DESCRIPTION
VCCA
1
1
S
supply voltage for input and LOS detector
IN
2
2
I
differential input; complimentary to pin INQ; DC bias level is set internally
at approximately VCC − 0.33 V
INQ
3
3
I
differential input; complimentary to pin IN; DC bias level is set internally at
approximately VCC − 0.33 V
VCCA
4
4
S
supply voltage for input and LOS detector
n.c.
−
5
−
not connected
n.c.
−
6
−
not connected
n.c.
5
7
−
not connected
n.c.
6
8
I
not connected
n.c.
7
9
I
not connected
n.c.
8
10
S
not connected
n.c.
9
11
S
not connected
LOSTH
10
12
I
input for setting threshold level of LOS detector; threshold level is set by
connecting external resistors between pins VCCA and Vref; when forced to
GNDA or not connected, the LOS detector is switched off
n.c.
11
13
I
not connected
n.c.
−
14
−
not connected
LEVEL
12
15
I
input for setting AC level of the output circuit; output signal level is set by
connecting external resistors between pins VCCA and Vref; when forced to
VCCA or not connected, pins OUT and OUTQ will be switched off
n.c.
13
16
I
not connected
Vref
14
17
O
reference voltage for programming output level circuit and LOS threshold;
typical value is VCC − 1.6 V; no external capacitor allowed
n.c.
−
18
−
not connected
TEST
15
19
I
for test purposes only; to be left open-circuit in the application
n.c.
16
20
S
not connected
n.c.
17
21
S
not connected
n.c.
18
22
O
not connected
n.c.
19
23
O
not connected
n.c.
20
24
S
not connected
n.c.
−
25
−
not connected
n.c.
−
26
−
not connected
VCCB
21
27
S
supply voltage for output circuit
OUTQ
22
28
O
PECL or CML compatible differential output; complimentary to pin OUT
OUT
23
29
O
PECL or CML compatible differential output; complimentary to pin OUTQ
VCCB
24
30
S
supply voltage for output circuit
GNDB
25
31
S
ground for output circuit
n.c.
−
32
O
not connected
n.c.
−
33
O-DRN not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com