Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZA3014HT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TZA3014HT
Description  2.5 Gbits/s postamplifier with level detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3014HT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TZA3014HT Datasheet HTML 9Page - NXP Semiconductors TZA3014HT Datasheet HTML 10Page - NXP Semiconductors TZA3014HT Datasheet HTML 11Page - NXP Semiconductors TZA3014HT Datasheet HTML 12Page - NXP Semiconductors TZA3014HT Datasheet HTML 13Page - NXP Semiconductors TZA3014HT Datasheet HTML 14Page - NXP Semiconductors TZA3014HT Datasheet HTML 15Page - NXP Semiconductors TZA3014HT Datasheet HTML 16Page - NXP Semiconductors TZA3014HT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2001 Jun 25
13
Philips Semiconductors
Product specification
2.5 Gbits/s postamplifier with level detector
TZA3014
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
Notes
1. JEDEC standard.
2. HTQFP32 and HBCC32 packages.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+5.5
V
Vn
DC voltage
pins IN, INQ, LOSTH, LEVEL, Vref, TEST, OUTQ, OUT, GNDp,
VCCA and VCCB
−0.5
VCC + 0.5 V
pins LOS, INV and MUTE
−0.5
+7
V
In
DC current
pins IN and INQ
−20
+20
mA
pins LOSTH and LEVEL
0
14
µA
pins Vref, TEST and LOS
−1+1
mA
pins OUT and OUTQ
−30
+30
mA
pins INV and MUTE
0
20
µA
Ptot
total power dissipation
−
0.6
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-s)
thermal resistance from junction to
solder point (exposed die pad)
note 1
15
K/W
Rth(j-a)
thermal resistance from junction to
ambient
1s2p multi-layer test board; notes 1
and 2
33
K/W
Rth(s-a)
thermal resistance from solder point to
ambient (exposed die pad)
1s2p multi-layer test board; notes 1
and 2
18
K/W
Rth(s-a)(req)
required thermal resistance from
solder point to ambient
LOS detector switched on
Vo = 200 mV (p-p) single-ended
130
K/W
Vo = 800 mV (p-p) single-ended
75
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com