Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92201AMDRVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92201AMDRVR Datasheet HTML 3Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 4Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 5Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 9Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 10Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7 Detailed Description
7.1 Overview
The TPS92201 is a high-efficiency 1.5A synchronous buck-type LED driver with 2.5V to 5.5V input range. The
device operates at typically 1.5MHz pulse width modulation (PWM) mode in full current range. In additional,
TPS92201A can support Power Save Mode, the device operates in pulse width modulation (PWM) mode with
1.5MHz switching frequency at heavy load, similar as TPS92201. But at light load, the device automatically
enters pulse frequency modulation (PFM) to maintain high efficiency over the entire load current range. In Power
Save Mode, the converter reduces switching frequency and minimizes current consumption, the output voltage
rises slightly above the nominal output voltage. This effect is minimized by increasing the output capacitor.
The integrated switches for both deivces have the capability to deliever up to 1.5A constant current and no need
for external Schottky diode. Analog dimming is achieved by adjusting the duty cycle of the PWM in 1% to 100%
range. Full protection methods are implemented including LED open, LED short, FB resistor open, FB resistor
short and thermal shutdown.
7.2 Functional Block Diagram
UVLO
Modulator
SW
Soft
Startup
Gate
Driver
-
+
VREF
Control Logic
EA
VIN
GND
FB
Dimming Control
Peak
Current
Detect
EN
Thermal
Shutdown
PWM
Zero
Current
Detect
TOFF
VIN
VSW
Figure 7-1. TPS92201 Functional Block Diagram
7.3 Feature Description
7.3.1 Adaptive Off-time Control
Adaptive off-time with peak current control scheme is used in the device. The device operates at typically
1.5MHz pulse width modulation (PWM) mode in full current range. At medium to heavy load, the device operates
in pulse width modulation (PWM) mode with 1.5MHz switching frequency. At light load, the device automatically
enters pulse frequency modulation (PFM) to maintain high efficiency over the entire load current range. Based
on the VIN/VOUT ratio, a simple circuit sets the required off time for the low-side MOSFET. The switching
frequency relatively constant regardless of the variation of input voltage, output voltage, and load current.
7.3.2 Power Save Mode
TPS92201A automatically enters Power Save Mode to improve efficiency at light load when the inductor current
becomes discontinuous. In Power Save Mode, the converter reduces switching frequency and minimizes current
consumption. In Power Save Mode, the output voltage rises slightly above the nominal output voltage. This
effect is minimized by increasing the output capacitor.
www.ti.com
TPS92201, TPS92201A
SLVSH40B – NOVEMBER 2023 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com