Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92201AMDRVR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS92201AMDRVR Datasheet HTML 4Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 5Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 9Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 10Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 11Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
7.3.3 Soft Startup
After enabling the device, internal soft startup circuitry ramps up the output voltage which reaches nominal
output voltage during a startup time. Output current rises smoothly and excessive inrush current is avoided. In
battery-power system, the soft startup prevents extra voltage drop on primary power supply with high internal
impedance. The internal soft startup period is xx ms typically.
7.3.4 Low Dropout Operation
The device offers a low input-to-output voltage differential by entering 100% switching duty cycle mode. In
this mode, the high-side MOSFET switch is constantly turned on and the low-side MOSFET is switched off.
The minimum input voltage to maintain output regulation, depending on the load current and output voltage, is
calculated as:
VIN_MIN=VFB+ VF_IOUT+ IOUT x RDS_ON+RL
(1)
where
• VFB is the feedback reference voltage, which is typically 100mV
• VF_IOUT is the LED forward voltage at output current
• IOUT is the output current setting
• RDS_ON is the high-side FET resistance when turning on
• RL is the inductor ohmic resistance DCR
7.3.5 LED Current Setting
The LED current is set by the external resistor between the FB pin and GND, calculated as:
ILED=  VFBRSENSE
(2)
where
• VFB is the feedback reference voltage, which is typically 100mV
• RSENSE is the resistance between FB and GND
7.3.6 Voltage Reference
The feedback reference produces a precise ±5% voltage reference over whole temperature range when
the PWM duty cycle is 100%, which is typically 100mV. In analog dimming mode, the feedback voltage is
proportional to the duty cycle of PWM imput as shown in Figure 7-2.
PWM duty
1%
20%
40%
60%
80%
100%
1
20
40
60
80
100
Figure 7-2. FB voltage with PWM duty cycle
TPS92201, TPS92201A
SLVSH40B – NOVEMBER 2023 – REVISED AUGUST 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com