Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020B
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020B Datasheet(HTML) 2 Page - Texas Instruments

  TUSB8020B Datasheet HTML 1Page - Texas Instruments TUSB8020B Datasheet HTML 2Page - Texas Instruments TUSB8020B Datasheet HTML 3Page - Texas Instruments TUSB8020B Datasheet HTML 4Page - Texas Instruments TUSB8020B Datasheet HTML 5Page - Texas Instruments TUSB8020B Datasheet HTML 6Page - Texas Instruments TUSB8020B Datasheet HTML 7Page - Texas Instruments TUSB8020B Datasheet HTML 8Page - Texas Instruments TUSB8020B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
TUSB8020B
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ..................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 6
7.5
3.3-V I/O Electrical Characteristics ........................... 7
7.6
Power-Up Timing Requirements ............................... 7
7.7
Hub Input Supply Current ......................................... 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................... 9
8.4
Device Functional Modes........................................ 12
8.5
Register Maps ......................................................... 13
9
Application and Implementation ........................ 25
9.1
Application Information............................................ 25
9.2
Typical Application .................................................. 25
10
Power Supply Recommendations ..................... 30
10.1
Power Supply ........................................................ 30
10.2
Downstream Port Power ....................................... 30
10.3
Ground .................................................................. 30
11
Layout................................................................... 31
11.1
Layout Guidelines ................................................. 31
11.2
Layout Example .................................................... 32
12
Device and Documentation Support ................. 34
12.1
Community Resources.......................................... 34
12.2
Trademarks ........................................................... 34
12.3
Electrostatic Discharge Caution ............................ 34
12.4
Glossary ................................................................ 34
13
Mechanical, Packaging, and Orderable
Information ........................................................... 34
4 Revision History
Changes from Revision B (March 2017) to Revision C
Page
•
Added SMBUS Programming current to the Hub Input Supply Current table........................................................................ 8
•
Added Note to the SMBus Slave Operation section ............................................................................................................ 12
Changes from Revision A (July 2014) to Revision B
Page
•
Replaced the Absolute Maximum Ratings table..................................................................................................................... 6
Changes from Original (July 2004) to Revision A
Page
•
Changed device status to production data ............................................................................................................................ 1
5 Description (continued)
The TUSB8020B downstream ports provide support for battery charging applications by providing battery
charging connected downstream port (CDP) handshaking support. It also supports a dedicated charging port
(DCP) mode when the upstream port is not connected. The DCP mode supports USB devices which support the
USB Battery Charging and the Chinese Telecommunications Industry Standard YD/T 1591-2009. In addition, an
automatic mode provides transparent support for BC devices and devices supporting Divider Mode charging
solutions when the upstream port is unconnected.
The TUSB8020B provides terminal strap configuration for some features including battery charging support, and
also provides customization though OTP ROM, I2C EEPROM or through an I2C/SMBus slave interface for PID,
VID, and custom port and phy configurations. Custom string support is also available when using an I2C
EEPROM or the I2C/SMBus slave interface.
The device is available in a 48-pin HTQFP package and is offered in a commercial version (TUSB8020B) for
operation over the temperature range of 0°C to 70°C and in an industrial version (TUSB8020BI) for operation
over the temperature range of –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com