Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020B Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020B
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020B Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB8020B Datasheet HTML 19Page - Texas Instruments TUSB8020B Datasheet HTML 20Page - Texas Instruments TUSB8020B Datasheet HTML 21Page - Texas Instruments TUSB8020B Datasheet HTML 22Page - Texas Instruments TUSB8020B Datasheet HTML 23Page - Texas Instruments TUSB8020B Datasheet HTML 24Page - Texas Instruments TUSB8020B Datasheet HTML 25Page - Texas Instruments TUSB8020B Datasheet HTML 26Page - Texas Instruments TUSB8020B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8.5.1.21 Additional Feature Configuration Register (offset = F0h)
Figure 23. Register Offset F0h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 24. Bit Descriptions – Additional Feature Configuration Register
Bit
Field Name
Access
Reset
Description
7:1
RSVD
RO
Reserved. Read only, returns 0 when read.
0
usb3spreadDis
RW
USB3 Spread Spectrum Disable. This bit allows firmware to disable the spread spectrum
function of the USB3 phy PLL.
0 = Spread spectrum function is enabled
1= Spread spectrum function is disabled
This bit is loaded at the deassertion of reset with the value of the SCL/SMBCLK terminal.
8.5.1.22 Charging Port Control Register (offset = F2h)
Figure 24. Register Offset F2h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R
R
R
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; –n = value after reset
Table 25. Bit Descriptions – Charging Port Control Register
Bit
Field Name
Access
Reset
Description
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
3:1
pwronTime
RW
Power-On Delay Time. When dsportEcrEn is set, this field sets the delay time from the
removal disable of PWRCTL to the enable of PWRCTL when transitioning battery charging
modes. For example, when disabling the power on a transition from custom charging mode
to Dedicated Charging Port Mode. The nominal timing is defined as follows:
TPWRON_EN = (pwronTime + 1) × 200 ms
(1)
These registers may be overwritten by EEPROM contents or by an SMBus host.
0
RSVD
RW
Reserved. This bit is reserved and should not be altered from the default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com