Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF45 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ECF45
Description  Surface Mount Crystal Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ECF45 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ECF45 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Crystal Filters
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECF45 Series
§ Ultra Thin 1.5mm max
§ Surface Mount
§ Suitable for Reflow Soldering
§ Ceramic to Metal Seal
§ Suitable for Pick & Place
Type
Centre
Frequency
Ripple
(max)
Number
Of Poles
Passband
Width
Termination
Impedance
Case Style
F45S015A
45.0MHz
1.0dB
2
3dB +/-7.50kHz
560
Ω//6pF
7x5x1.5mm
F45S030A
45.0MHz
1.0dB
2
3dB +/-15.0kHz
1200
Ω//1.8pF
7x5x1.5mm
F44S211B
44.25MHz
1.0dB
4
3dB +/-5.50kHz
430
Ω//4pF
7x5x1.5mm
Environmental & Mechanical
Shock
Random Drop
120 cm 3cycle
No Change in
electrical
characteristics
Vibration
10-55Hz 1.5mm
amplitude in each
plane
No Change in
electrical
characteristics
Solderability
5 Seconds @
230
0C +/-50C
95% Coverage with a
continuous coating
Leakage
Air Leak and
Helium Leak
Leak rate 1x10
-4atm
cc/sec
Leak rate 1x10
-8atm
cc/sec
Damp Heat
2Hrs
+40
0C +/-20C
Humidity 90-95%
No Change in
electrical
characteristics
Temperature
1000Hrs +/-
24Hrs
-25
0C +/-30C
+70
0C +/-20C
Retest after 2Hrs
No Change in
electrical
characteristics
Cleaning
Organic Solution
A
B
C
D
E
F
G
H
7.00
5.00
1.50
2.54
0.60
1.00
1.00
1.20
Dimensions in mm


Similar Part No. - ECF45

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECF40 XPPOWER-ECF40 Datasheet
841Kb / 5P
AC-DC Power Supplies
ECF40 XPPOWER-ECF40 Datasheet
937Kb / 5P
AC-DC Power Supplies
ECF40US12 XPPOWER-ECF40US12 Datasheet
841Kb / 5P
AC-DC Power Supplies
ECF40US12 XPPOWER-ECF40US12 Datasheet
937Kb / 5P
AC-DC Power Supplies
ECF40US15 XPPOWER-ECF40US15 Datasheet
841Kb / 5P
AC-DC Power Supplies
More results

Similar Description - ECF45

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCF21U ABRACON-ASCF21U Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
Surface Mount LC Filters
S3LP156LC COILCRAFT-S3LP156LC Datasheet
517Kb / 2P
Surface Mount LC Filters
logo
API Technologies Corp
SF0805C221SBNCT APITECH-SF0805C221SBNCT Datasheet
364Kb / 6P
Surface Mount EMI Filters
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
Surface Mount EMI Filters
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
Surface Mount EMI Filters
PSM1F-152M-10T0 APITECH-PSM1F-152M-10T0 Datasheet
2Mb / 21P
Surface Mount EMI Filters
logo
Murata Manufacturing Co...
XDCAG38M850PGA00P0 MURATA-XDCAG38M850PGA00P0_17 Datasheet
214Kb / 3P
Crystal Filters
XDCAG46M350PGA00P0 MURATA-XDCAG46M350PGA00P0 Datasheet
207Kb / 3P
Crystal Filters
XDCAG51M650PGA00P0 MURATA-XDCAG51M650PGA00P0 Datasheet
206Kb / 3P
Crystal Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com