Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS244AL Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS244AL
Description  MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244AL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS244AL Datasheet HTML 7Page - STMicroelectronics LIS244AL Datasheet HTML 8Page - STMicroelectronics LIS244AL Datasheet HTML 9Page - STMicroelectronics LIS244AL Datasheet HTML 10Page - STMicroelectronics LIS244AL Datasheet HTML 11Page - STMicroelectronics LIS244AL Datasheet HTML 12Page - STMicroelectronics LIS244AL Datasheet HTML 13Page - STMicroelectronics LIS244AL Datasheet HTML 14Page - STMicroelectronics LIS244AL Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LIS244AL
Application hints
11/15
The tolerance of the internal resistor can vary typically of
±20% within its nominal value of
32k
Ω; thus the cut-off frequency will vary accordingly. A minimum capacitance of 2.5nF for
Cload(x, y) is required.
4.1
Soldering information
The LGA package is compliant with the ECOPACK, RoHs and “Green” standard.
Pin1 indicator is electrically connected to pin 1. Leave pin 1 indicator unconnected during
soldering.
4.2
Output Response vs. orientation
Figure 4.
Output response vs. orientation
Figure 4 refers to LIS244AL powered at 3.0V.
Table 6.
Filter Capacitor Selection, Cload (x,y),
Cut-off frequency
Capacitor value
1 Hz
5
µF
10 Hz
0.5
µF
20 Hz
250nF
50 Hz
100nF
100 Hz
50nF
200 Hz
25nF
500 Hz
10nF
Earth’s Surface
X=1.50V (0g)
Y=1.50V (0g)
TOP VIEW
X=1.50V (0g)
Y=1.83V (+1g)
X=1.50V (0g)
Y=1.17V (-1g)
X=1.17V (-1g)
Y=1.50V (0g)
X=1.83V (+1g)
Y=1.50V (0g)
Top
Bottom
X=1.50V (0g)
Y=1.50V (0g)
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com